Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE48A Datasheet(PDF) 53 Page - Socay Electornics Co., Ltd.

Part # LCE48A
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

LCE48A Datasheet(HTML) 53 Page - Socay Electornics Co., Ltd.

Back Button LCE48A Datasheet HTML 48Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 49Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 50Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 51Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 52Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 53Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 54Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 55Page - Socay Electornics Co., Ltd. LCE48A Datasheet HTML 56Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
www.socay.com
53
Radial Lead Transient Voltage Suppressors (TVS)
K Series
1KA To 15KA
Reverse Stand-Off
Voltage
Breakdown
Voltage
Test
Current
Current
Rating
Maximum
Energy
Maximum
Clamping
Voltage
Reverse
Leakage
Part Number
VAC(V)
VDC(V)
VBR(V)
MIN.@IT
IT
(mA)
IPP 8/20μs
(KA)
10/1000
μs
(A)
VC(V)
@IPP
IR (μA)
@VDC
KA-012
8.5
12.8
14
1
3
500
28
20
KA-015
11
15
17
1
3
650
30
20
KA-020
14
20
22
1
3
800
40
20
KA-025
17
25
28
1
3
950
50
20
KA-030
21
30
33
1
3
1200
60
20
KA-042
30
42
47
1
3
1700
77
20
KA-058
40
58
64
1
3
2450
110
20
KA-066
45
66
70
1
3
2600
125
20
KA-076
54
76
85
1
3
2800
140
20
KA-100
72
100
110
1
3
4250
165
20
KA-133
100
133
147
1
3
5300
220
20
KA-170
130
170
180
1
3
7000
260
20
KA-190
145
190
200
1
3
8400
290
20
KA-200
150
200
222
1
3
8600
330
20
KA-240
180
240
250
1
3
9100
340
20
KB-012
8.5
12.8
14
1
6
1000
28
20
KB-015
11
15
17
1
6
1300
30
20
KB-020
14
20
22
1
6
1600
40
20
KB-025
17
25
28
1
6
1900
50
20
KB-030
21
30
33
1
6
2400
60
20
KB-042
30
42
47
1
6
3400
77
20
KB-058
40
58
64
1
6
4900
110
20
KB-066
45
66
70
1
6
5200
125
20
KB-076
54
76
83
1
6
5600
135
20
KB-100
72
100
110
1
6
8500
165
20
KB-133
100
133
147
1
6
10600
220
20
KB-170
130
170
180
1
6
14000
260
20
KB-190
145
190
200
1
6
16800
290
20
KB-200
150
200
222
1
6
17200
330
20
KB-240
180
240
250
1
6
18000
340
20
KB-275
210
275
300
1
6
19000
435
20
KB-300
230
300
330
1
6
25500
470
20
KB-380
275
380
401
1
6
30000
520
20
KC-012
8.5
12.8
14
1
10
1665
28
20
KC-015
11
15
17
1
10
2164
30
20
KC-020
14
20
22
1
10
2664
40
20
KC-025
17
25
28
1
10
3163
50
20
KC-030
21
30
33
1
10
3996
60
20
KC-042
30
42
47
1
10
5661
77
20
KC-058
40
58
64
1
10
8158
110
20
KC-066
45
66
70
1
10
8658
125
20
KC-076
54
76
83
1
10
9324
135
20
KC-100
72
100
110
1
10
14152
165
20
KC-133
100
133
147
1
10
17649
220
20
KC-170
130
170
180
1
10
23310
260
20
KC-190
145
190
200
1
10
27972
290
20
KC-200
150
200
222
1
10
28638
330
20
KD-012
8.5
12.8
14
1
15
2665
28
20
KD-015
11
15
17
1
15
3464
30
20
KD-020
14
20
22
1
15
4264
40
20
KD-025
17
25
28
1
15
5063
50
20
KD-030
21
30
33
1
15
6396
60
20
KD-042
30
42
47
1
15
9061
77
20
KD-058
40
58
64
1
15
13058
110
20
KD-066
45
66
70
1
15
13858
125
20
KD-076
54
76
85
1
15
14924
145
20
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - LCE48A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE48A EIC-LCE48A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE48A NJSEMI-LCE48A Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE48A MICROSEMI-LCE48A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Anova Technologies CO.,...
LCE48A ANOVA-LCE48A Datasheet
283Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
TAITRON Components Inco...
LCE48A TAITRON-LCE48A Datasheet
179Kb / 5P
   1500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - LCE48A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com