Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-058 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # KC-058
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-058 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  KC-058 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 4Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 5Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 6Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 7Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 8Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 9Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
www.socay.com
1
Surface Mount Transient Voltage Suppressors (TVS)
SMF Series
5.0 To 190 V
200W
Uni-directional
Bi-directional
u
Compatible with industrial standard package SOD-123
u
For surface mounted applications in order to optimize board
space
u
Low leakage
u
Uni and Bidirectional unit
u
Glass passivated junction
u
Low inductance
u
Excellent clamping capability
u
200W Peak power capability at 10
× 1000µs waveform
Repetition rate (duty cycle):0.01%
u
Fast response time: typically less than 1.0ps from 0 Volts to
VBR min
u
High Temperature soldering: 260
°C/40 seconds at terminals
u
Typical maximum temperature coefficient
ΔVBR = 0.1% ×
VBR@25°C× ΔT
u
Plastic package has Underwriters Laboratory Flammability
94V-0
u
Matte tin lead
–free Plated
u
Halogen free and RoHS compliant
u
Typical failure mode is short from over-specified voltage or
current
u
Whisker test is conducted based on JEDEC JESD201A per its
table 4a and 4c
u
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
u
ESD protection of data lines in accordance with IEC 61000-4-2
(IEC801-2)
u
EFT protection of data lines in accordance with IEC 61000-4-4
(IEC801-4)
SOD-123
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.031
0.044
0.77
1.09
B
0.1
0.112
2.51
2.81
C
0.055
0.071
1.38
1.78
D
0.140
0.152
3.51
3.82
E
0.037
0.053
0.93
1.33
F
0.01
-
0.25
-
G
-
0.008
-
0.20
Dimensions
SOD-123
Cathode Band
Features


Similar Part No. - KC-058

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KC-058 SOCAY-KC-058 Datasheet
188Kb / 4P
   Radial Lead Transient Voltage Suppressors
logo
Protek Devices
KC-058 PROTEC-KC-058 Datasheet
451Kb / 6P
   HIGH POWERED TVS COMPONENT
logo
Socay Electornics Co., ...
KC-058 SOCAY-KC-058 Datasheet
1Mb / 4P
   Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KC-058 UNSEMI-KC-058 Datasheet
2Mb / 4P
   10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
KC-058CS SOCAY-KC-058CS Datasheet
1Mb / 5P
   KCXXXCS Series 10KA Transient Voltage Suppressor
November 26, 2020
More results

Similar Description - KC-058

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com