Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-076 Datasheet(PDF) 11 Page - Socay Electornics Co., Ltd.

Part # KC-076
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-076 Datasheet(HTML) 11 Page - Socay Electornics Co., Ltd.

Back Button KC-076 Datasheet HTML 7Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 8Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 9Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 10Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 11Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 12Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 13Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 14Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 15Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
www.socay.com
11
Surface Mount Transient Voltage Suppressors (TVS)
SMCJ Series
5.0 To 440 V
1500W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMCJ45
SMCJ45C
GFU
BFU
45.0
50.00
61.10
1
80.3
18.68
5
SMCJ45A
SMCJ45CA
GFV
BFV
45.0
50.00
55.30
1
72.7
20.63
5
SMCJ48
SMCJ48C
GFW
BFW
48.0
53.30
65.10
1
85.5
17.54
5
SMCJ48A
SMCJ48CA
GFX
BFX
48.0
53.30
58.90
1
77.4
19.38
5
SMCJ51
SMCJ51C
GFY
BFY
51.0
56.70
69.30
1
91.1
16.47
5
SMCJ51A
SMCJ51CA
GFZ
BFZ
51.0
56.70
62.70
1
82.4
18.20
5
SMCJ54
SMCJ54C
GGD
BGD
54.0
60.00
73.30
1
96.3
15.58
5
SMCJ54A
SMCJ54CA
GGE
BGE
54.0
60.00
66.30
1
87.1
17.22
5
SMCJ58
SMCJ58C
GGF
BGF
58.0
64.40
78.70
1
103.0
14.56
5
SMCJ58A
SMCJ58CA
GGG
BGG
58.0
64.40
71.20
1
93.6
16.03
5
SMCJ60
SMCJ60C
GGH
BGH
60.0
66.70
81.50
1
107.0
14.02
5
SMCJ60A
SMCJ60CA
GGK
BGK
60.0
66.70
73.70
1
96.8
15.50
5
SMCJ64
SMCJ64C
GGL
BGL
64.0
71.10
86.90
1
114.0
13.16
5
SMCJ64A
SMCJ64CA
GGM
BGM
64.0
71.10
78.60
1
103.0
14.56
5
SMCJ70
SMCJ70C
GGN
BGN
70.0
77.80
95.10
1
125.0
12.00
5
SMCJ70A
SMCJ70CA
GGP
BGP
70.0
77.80
86.00
1
113.0
13.27
5
SMCJ75
SMCJ75C
GGQ
BGQ
75.0
83.30
102.00
1
134.0
11.19
5
SMCJ75A
SMCJ75CA
GGR
BGR
75.0
83.30
92.10
1
121.0
12.40
5
SMCJ78
SMCJ78C
GGS
BGS
78.0
86.70
106.00
1
139.0
10.79
5
SMCJ78A
SMCJ78CA
GGT
BGT
78.0
86.70
95.80
1
126.0
11.90
5
SMCJ80
SMCJ80C
GGA
BGA
80.0
88.96
108.80
1
143.2
10.47
5
SMCJ80A
SMCJ80CA
GGB
BGB
80.0
88.80
97.60
1
129.6
11.57
5
SMCJ85
SMCJ85C
GGU
BGU
85.0
94.40
115.00
1
151.0
9.93
5
SMCJ85A
SMCJ85CA
GGV
BGV
85.0
94.40
104.00
1
137.0
10.95
5
SMCJ90
SMCJ90C
GGW
BGW
90.0
100.00
122.00
1
160.0
9.38
5
SMCJ90A
SMCJ90CA
GGX
BGX
90.0
100.00
111.00
1
146.0
10.27
5
SMCJ100
SMCJ100C
GGY
BGY
100.0
111.00
136.00
1
179.0
8.38
5
SMCJ100A
SMCJ100CA
GGZ
BGZ
100.0
111.00
123.00
1
162.0
9.26
5
SMCJ110
SMCJ110C
GHD
BHD
110.0
122.00
149.00
1
196.0
7.65
5
SMCJ110A
SMCJ110CA
GHE
BHE
110.0
122.00
135.00
1
177.0
8.47
5
SMCJ120
SMCJ120C
GHF
BHF
120.0
133.00
163.00
1
214.0
7.01
5
SMCJ120A
SMCJ120CA
GHG
BHG
120.0
133.00
147.00
1
193.0
7.77
5
SMCJ130
SMCJ130C
GHH
BHH
130.0
144.00
176.00
1
231.0
6.49
5
SMCJ130A
SMCJ130CA
GHK
BHK
130.0
144.00
159.00
1
209.0
7.18
5
SMCJ140
SMCJ140C
GHA
BHA
140.0
155.68
190.40
1
250.6
5.99
5
SMCJ140A
SMCJ140CA
GHB
BHB
140.0
155.00
171.00
1
226.8
6.61
5
SMCJ150
SMCJ150C
GHL
BHL
150.0
167.00
204.00
1
268.0
5.60
5
SMCJ150A
SMCJ150CA
GHM
BHM
150.0
167.00
185.00
1
243.0
6.17
5
SMCJ160
SMCJ160C
GHN
BHN
160.0
178.00
218.00
1
287.0
5.23
5
SMCJ160A
SMCJ160CA
GHP
BHP
160.0
178.00
197.00
1
259.0
5.79
5
SMCJ170
SMCJ170C
GHQ
BHQ
170.0
189.00
231.00
1
304.0
4.93
5
SMCJ170A
SMCJ170CA
GHR
BHR
170.0
189.00
209.00
1
275.0
5.45
5
SMCJ180
SMCJ180C
GHS
BHS
180.0
201.00
244.80
1
322.2
4.66
5
SMCJ180A
SMCJ180CA
GHT
BHT
180.0
201.00
220.00
1
291.6
5.14
5
SMCJ190
SMCJ190C
GHU
BHU
190.0
211.21
258.40
1
340.1
4.41
5
SMCJ190A
SMCJ190CA
GHV
BHV
190.0
211.00
232.00
1
307.8
4.87
5
SMCJ200A
SMCJ200CA
GHW
BHW
200.0
224.00
247.00
1
324.0
4.60
5
SMCJ220A
SMCJ220CA
GHX
BHX
220.0
246.00
272.00
1
356.0
4.20
5
SMCJ250A
SMCJ250CA
GHZ
BHZ
250.0
279.00
309.00
1
405.0
3.70
5
SMCJ300A
SMCJ300CA
GJE
BJE
300.0
335.00
371.00
1
486.0
3.10
5
SMCJ350A
SMCJ350CA
GJG
BJG
350.0
391.00
432.00
1
567.0
2.60
5
SMCJ400A
SMCJ400CA
GJK
BJK
400.0
447.00
494.00
1
648.0
2.30
5
SMCJ440A
SMCJ440CA
GJM
BJM
440.0
492.00
543.00
1
713.0
2.10
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - KC-076

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KC-076 SOCAY-KC-076 Datasheet
188Kb / 4P
   Radial Lead Transient Voltage Suppressors
logo
Protek Devices
KC-076 PROTEC-KC-076 Datasheet
451Kb / 6P
   HIGH POWERED TVS COMPONENT
logo
Socay Electornics Co., ...
KC-076 SOCAY-KC-076 Datasheet
1Mb / 4P
   Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KC-076 UNSEMI-KC-076 Datasheet
2Mb / 4P
   10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
KC-076CS SOCAY-KC-076CS Datasheet
1Mb / 5P
   KCXXXCS Series 10KA Transient Voltage Suppressor
November 26, 2020
More results

Similar Description - KC-076

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com