Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-076 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # KC-076
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-076 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  KC-076 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 4Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 5Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 6Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 7Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 8Page - Socay Electornics Co., Ltd. KC-076 Datasheet HTML 9Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
www.socay.com
2
Surface Mount Transient Voltage Suppressors (TVS)
SMF Series
5.0 To 190 V
200W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMF5.0A
SMF5.0CA
FE
KE
5.0
6.40
7.00
10
9.2
21.74
400
SMF6.0A
SMF6.0CA
FG
KG
6.0
6.67
7.37
10
10.3
19.42
400
SMF6.5A
SMF6.5CA
FK
KK
6.5
7.22
7.98
10
11.2
17.86
250
SMF7.0A
SMF7.0CA
FM
KM
7.0
7.78
8.60
10
12.0
16.67
100
SMF7.5A
SMF7.5CA
FP
KP
7.5
8.33
9.21
1
12.9
15.50
50
SMF8.0A
SMF8.0CA
FR
KR
8.0
8.89
9.83
1
13.6
14.71
25
SMF8.5A
SMF8.5CA
FT
KT
8.5
9.44
10.40
1
14.4
13.89
10
SMF9.0A
SMF9.0CA
FV
KV
9.0
10.00
11.10
1
15.4
12.99
5
SMF10A
SMF10CA
FX
KX
10.0
11.10
12.30
1
17.0
11.76
2.5
SMF11A
SMF11CA
FZ
KZ
11.0
12.20
13.50
1
18.2
10.99
2.5
SMF12A
SMF12CA
HE
LE
12.0
13.30
14.70
1
19.9
10.05
2.5
SMF13A
SMF13CA
HG
LG
13.0
14.40
15.90
1
21.5
9.30
1
SMF14A
SMF14CA
HK
LK
14.0
15.60
17.20
1
23.2
8.62
1
SMF15A
SMF15CA
HM
LM
15.0
16.70
18.50
1
24.4
8.20
1
SMF16A
SMF16CA
HP
LP
16.0
17.80
19.70
1
26.0
7.69
1
SMF17A
SMF17CA
HR
LR
17.0
18.90
20.90
1
27.6
7.25
1
SMF18A
SMF18CA
HT
LT
18.0
20.00
22.10
1
29.2
6.85
1
SMF19A
SMF19CA
HB
LB
19.0
21.10
23.30
1
30.6
6.54
1
SMF20A
SMF20CA
HV
LV
20.0
22.20
24.50
1
32.4
6.17
1
SMF22A
SMF22CA
HX
LX
22.0
24.40
26.90
1
35.5
5.63
1
SMF24A
SMF24CA
HZ
LZ
24.0
26.70
29.50
1
38.9
5.14
1
SMF26A
SMF26CA
JE
ME
26.0
28.90
31.90
1
42.1
4.75
1
SMF28A
SMF28CA
JG
MG
28.0
31.10
34.40
1
45.4
4.41
1
SMF30A
SMF30CA
JK
MK
30.0
33.30
36.80
1
48.4
4.13
1
SMF33A
SMF33CA
JM
MM
33.0
36.70
40.60
1
53.3
3.75
1
SMF36A
SMF36CA
JP
MP
36.0
40.00
44.20
1
58.1
3.44
1
SMF40A
SMF40CA
JR
MR
40.0
44.40
49.10
1
64.5
3.10
1
SMF43A
SMF43CA
JT
MT
43.0
47.80
52.80
1
69.4
2.88
1
SMF45A
SMF45CA
JV
MV
45.0
50.00
55.30
1
72.7
2.75
1
SMF48A
SMF48CA
JX
MX
48.0
53.30
58.90
1
77.4
2.58
1
SMF51A
SMF51CA
JZ
MZ
51.0
56.70
62.70
1
82.4
2.43
1
SMF54A
SMF54CA
XE
NE
54.0
60.00
66.30
1
87.1
2.30
1
SMF58A
SMF58CA
XG
NG
58.0
64.40
71.20
1
93.6
2.14
1
SMF60A
SMF60CA
XK
NK
60.0
66.70
73.70
1
96.8
2.07
1
SMF64A
SMF64CA
XM
NM
64.0
71.10
78.60
1
103.0
1.94
1
SMF70A
SMF70CA
XP
NP
70.0
77.80
86.00
1
113.0
1.77
1
SMF75A
SMF75CA
XR
NR
75.0
83.30
92.10
1
121.0
1.65
1
SMF78A
SMF78CA
XT
NT
78.0
86.70
95.80
1
126.0
1.59
1
SMF80A
SMF80CA
XB
NB
80.0
88.80
97.60
1
129.0
1.55
1
SMF85A
SMF85CA
XV
NV
85.0
94.40
104.00
1
137.0
1.46
1
SMF90A
SMF90CA
XX
NX
90.0
100.00
111.00
1
146.0
1.37
1
SMF100A
SMF100CA
XZ
NZ
100.0
111.00
123.00
1
162.0
1.23
1
SMF110A
SMF110CA
TE
PE
110.0
122.00
135.00
1
177.0
1.13
1
SMF120A
SMF120CA
TG
PG
120.0
133.00
147.00
1
193.0
1.04
1
SMF130A
SMF130CA
TK
PK
130.0
144.00
159.00
1
209.0
0.96
1
SMF140A
SMF140CA
TB
PB
140.0
155.00
171.00
1
224.0
0.89
1
SMF150A
SMF150CA
TM
PM
150.0
167.00
185.00
1
243.0
0.82
1
SMF160A
SMF160CA
TP
PP
160.0
178.00
197.00
1
259.0
0.77
1
SMF170A
SMF170CA
TR
PR
170.0
189.00
209.00
1
275.0
0.73
1
SMF180A
SMF180CA
TT
PT
180.0
200.00
220.00
1
292.0
0.69
1
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - KC-076

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KC-076 SOCAY-KC-076 Datasheet
188Kb / 4P
   Radial Lead Transient Voltage Suppressors
logo
Protek Devices
KC-076 PROTEC-KC-076 Datasheet
451Kb / 6P
   HIGH POWERED TVS COMPONENT
logo
Socay Electornics Co., ...
KC-076 SOCAY-KC-076 Datasheet
1Mb / 4P
   Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KC-076 UNSEMI-KC-076 Datasheet
2Mb / 4P
   10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
KC-076CS SOCAY-KC-076CS Datasheet
1Mb / 5P
   KCXXXCS Series 10KA Transient Voltage Suppressor
November 26, 2020
More results

Similar Description - KC-076

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com