Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-190 Datasheet(PDF) 7 Page - Socay Electornics Co., Ltd.

Part # KC-190
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-190 Datasheet(HTML) 7 Page - Socay Electornics Co., Ltd.

Back Button KC-190 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 4Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 5Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 6Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 7Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 8Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 9Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 10Page - Socay Electornics Co., Ltd. KC-190 Datasheet HTML 11Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
www.socay.com
7
Surface Mount Transient Voltage Suppressors (TVS)
SMBJ Series
5.0 To 440 V
600W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMBJ5.0
SMBJ5.0C
KD
AD
5.0
6.40
7.30
10
9.6
62.50
800
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.00
10
9.2
65.22
800
SMBJ6.0
SMBJ6.0C
KF
AF
6.0
6.67
8.15
10
11.4
52.63
800
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.37
10
10.3
58.25
800
SMBJ6.5
SMBJ6.5C
KH
AH
6.5
7.22
8.82
10
12.3
48.78
500
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
7.98
10
11.2
53.57
500
SMBJ7.0
SMBJ7.0C
KL
AL
7.0
7.78
9.51
10
13.3
45.11
200
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.60
10
12.0
50.00
200
SMBJ7.5
SMBJ7.5C
KN
AN
7.5
8.33
10.20
1
14.3
41.96
100
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.21
1
12.9
46.51
100
SMBJ8.0
SMBJ8.0C
KQ
AQ
8.0
8.89
10.90
1
15.0
40.00
50
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
9.83
1
13.6
44.12
50
SMBJ8.5
SMBJ8.5C
KS
AS
8.5
9.44
11.50
1
15.9
37.74
10
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.40
1
14.4
41.67
10
SMBJ9.0
SMBJ9.0C
KU
AU
9.0
10.00
12.20
1
16.9
35.50
5
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.00
11.10
1
15.4
38.96
5
SMBJ10
SMBJ10C
KW
AA
10.0
11.10
13.60
1
18.8
31.91
5
SMBJ10A
SMBJ10CA
KX
AX
10.0
11.10
12.30
1
17.0
35.29
5
SMBJ11
SMBJ11C
KY
AY
11.0
12.20
14.90
1
20.1
29.85
5
SMBJ11A
SMBJ11CA
KZ
WZ
11.0
12.20
13.50
1
18.2
32.97
5
SMBJ12
SMBJ12C
LD
BD
12.0
13.30
16.30
1
22.0
27.27
5
SMBJ12A
SMBJ12CA
LE
BE
12.0
13.30
14.70
1
19.9
30.15
5
SMBJ13
SMBJ13C
LF
BF
13.0
14.40
17.60
1
23.8
25.21
5
SMBJ13A
SMBJ13CA
LG
BG
13.0
14.40
15.90
1
21.5
27.91
5
SMBJ14
SMBJ14C
LH
BH
14.0
15.60
19.10
1
25.8
23.26
5
SMBJ14A
SMBJ14CA
LK
BK
14.0
15.60
17.20
1
23.2
25.86
5
SMBJ15
SMBJ15C
LL
BL
15.0
16.70
20.40
1
26.9
22.30
5
SMBJ15A
SMBJ15CA
LM
BM
15.0
16.70
18.50
1
24.4
24.59
5
SMBJ16
SMBJ16C
LN
BN
16.0
17.80
21.80
1
28.8
20.83
5
SMBJ16A
SMBJ16CA
LP
BP
16.0
17.80
19.70
1
26.0
23.08
5
SMBJ17
SMBJ17C
LQ
BQ
17.0
18.90
23.10
1
30.5
19.67
5
SMBJ17A
SMBJ17CA
LR
BR
17.0
18.90
20.90
1
27.6
21.74
5
SMBJ18
SMBJ18C
LS
BS
18.0
20.00
24.40
1
32.2
18.63
5
SMBJ18A
SMBJ18CA
LT
BT
18.0
20.00
22.10
1
29.2
20.55
5
SMBJ19
SMBJ19C
LA
BA
19.0
21.13
25.76
1
34.0
17.64
5
SMBJ19A
SMBJ19CA
LB
BB
19.0
21.10
23.30
1
30.8
19.49
5
SMBJ20
SMBJ20C
LU
BU
20.0
22.20
27.10
1
35.8
16.67
5
SMBJ20A
SMBJ20CA
LV
BV
20.0
22.20
24.50
1
32.4
18.52
5
SMBJ22
SMBJ22C
LW
BW
22.0
24.40
29.80
1
39.4
15.23
5
SMBJ22A
SMBJ22CA
LX
BX
22.0
24.40
26.90
1
35.5
16.90
5
SMBJ24
SMBJ24C
LY
BY
24.0
26.70
32.60
1
43.0
13.95
5
SMBJ24A
SMBJ24CA
LZ
BZ
24.0
26.70
29.50
1
38.9
15.42
5
SMBJ26
SMBJ26C
MD
CD
26.0
28.90
35.30
1
46.6
12.88
5
SMBJ26A
SMBJ26CA
ME
CE
26.0
28.90
31.90
1
42.1
14.25
5
SMBJ28
SMBJ28C
MF
CF
28.0
31.10
38.00
1
50.0
12.00
5
SMBJ28A
SMBJ28CA
MG
CG
28.0
31.10
34.40
1
45.4
13.22
5
SMBJ30
SMBJ30C
MH
CH
30.0
33.30
40.70
1
53.5
11.21
5
SMBJ30A
SMBJ30CA
MK
CK
30.0
33.30
36.80
1
48.4
12.40
5
SMBJ33
SMBJ33C
ML
CL
33.0
36.70
44.90
1
59.0
10.17
5
SMBJ33A
SMBJ33CA
MM
CM
33.0
36.70
40.60
1
53.3
11.26
5
SMBJ36
SMBJ36C
MN
CN
36.0
40.00
48.90
1
64.3
9.33
5
SMBJ36A
SMBJ36CA
MP
CP
36.0
40.00
44.20
1
58.1
10.33
5
SMBJ40
SMBJ40C
MQ
CQ
40.0
44.40
54.30
1
71.4
8.40
5
SMBJ40A
SMBJ40CA
MR
CR
40.0
44.40
49.10
1
64.5
9.30
5
SMBJ43
SMBJ43C
MS
CS
43.0
47.80
58.40
1
76.7
7.82
5
SMBJ43A
SMBJ43CA
MT
CT
43.0
47.80
52.80
1
69.4
8.65
5
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - KC-190

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KC-190 SOCAY-KC-190 Datasheet
188Kb / 4P
   Radial Lead Transient Voltage Suppressors
logo
Protek Devices
KC-190 PROTEC-KC-190 Datasheet
451Kb / 6P
   HIGH POWERED TVS COMPONENT
logo
Socay Electornics Co., ...
KC-190 SOCAY-KC-190 Datasheet
1Mb / 4P
   Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
KC-190 UNSEMI-KC-190 Datasheet
2Mb / 4P
   10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - KC-190

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com