Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

862-RF465.0M-F Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 862-RF465.0M-F
Description  CDMA 450 A-Band, RF/Rx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

862-RF465.0M-F Datasheet(HTML) 3 Page - Oscilent Corporation

  862-RF465.0M-F_14 Datasheet HTML 1Page - Oscilent Corporation 862-RF465.0M-F_14 Datasheet HTML 2Page - Oscilent Corporation 862-RF465.0M-F_14 Datasheet HTML 3Page - Oscilent Corporation 862-RF465.0M-F_14 Datasheet HTML 4Page - Oscilent Corporation 862-RF465.0M-F_14 Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oscilent Part Number
862-RF465.0M-F
January 2010 Rev A
CDMA 450 A-Band, RF/Rx SAW Filter
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
Maximum DC Voltage
V
-
-
0
Maximum Input Power
dBm
-
-
27
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (balanced ended)
(1)
-
100
-
Notes: No Matching Network
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
465
-
Insertion Loss in 462.5 ~467.5 MHz
dB
-
2.4
4.0
Attenuation:
0.3 ~ 452.5 MHz
dB
40
50
-
452.5 ~ 457.5 MHz
dB
35
48
-
485.0 ~ 507.5 MHz
dB
40
43
-
507.5 ~ 1200.0 MHz
dB
30
50
-
1200.0 ~ 1700.0 MHz
dB
20
35
-
VSWR in 462.5 ~ 467.5 MHz
-
-
1.7
2.1


Similar Part No. - 862-RF465.0M-F_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
862-RF465.0M-F OSCILENT-862-RF465.0M-F Datasheet
462Kb / 3P
   CDMA450, Balanced RF-Rx SAW Filter
More results

Similar Description - 862-RF465.0M-F_14

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA465CP TRANSKO-TA465CP Datasheet
306Kb / 4P
   CDMA 450 A-Band, RF-Rx SAW Filter
Revision 2:
logo
Oscilent Corporation
802-RF465.0M-D OSCILENT-802-RF465.0M-D_14 Datasheet
128Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
802-RF465.0M-H OSCILENT-802-RF465.0M-H Datasheet
140Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
872-RF465.0M-H OSCILENT-872-RF465.0M-H Datasheet
136Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
803-RF465.0M-D OSCILENT-803-RF465.0M-D Datasheet
127Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
803-RF465.0M-J OSCILENT-803-RF465.0M-J Datasheet
138Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
logo
Transko Electronics, In...
TA465DP TRANSKO-TA465DP Datasheet
292Kb / 4P
   CDMA 450 A-Band, RF-Rx SAW Filter
Revision 0: November 2003
logo
Oscilent Corporation
803-RF465.0M-C OSCILENT-803-RF465.0M-C_14 Datasheet
130Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
802-RF467.6M-A OSCILENT-802-RF467.6M-A_14 Datasheet
132Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
862-RF465.0M-G OSCILENT-862-RF465.0M-G Datasheet
139Kb / 5P
   CDMA 450 A-Band, RF/Rx SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com