Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C102JCGACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812C102JCGACTU
Description  High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C102JCGACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812C102JCGACTU Datasheet HTML 1Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 2Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 3Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 4Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 5Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 6Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 7Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 8Page - Kemet Corporation C1812C102JCGACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1009_C0G_HV_SMD • 4/30/2014
1
One world. One KEMET
Ordering Information
C
1210
C
332
J
C
G
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Voltage
Dielectric Failure Rate/
Design
Termination Finish2 Packaging/Grade
(C-Spec)3
0805
1206
1210
1808
1812
1825
2220
2225
C = Standard 2 Significant Digits
+ Number of Zeros
Use 9 for
1.0 – 9.9 pF
Use 8 for
0.5 – .99 pF
ex. 2.2 pF = 229
ex. 0.5 pF = 508
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500 V
B = 630 V
D = 1,000 V
F = 1,500 V
G = 2,000 V
Z = 2,500 V
H = 3,000 V
G = C0G A = N/A
C = 100% Matte Sn
L = SnPb (5%
minimum)
Blank = Bulk
TU = 7" Reel
Unmarked
AUTO =
Automotive Grade
7" Reel Unmarked
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
SnPb termination finish option is not available on Automotive Grade product.
2, 3
Additional termination finish options may be available. Contact KEMET for details.
3
Additional reeling or packaging options may be available. Contact KEMET for details.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage C0G Dielectric, 500 – 3,000 VDC
(Commercial & Automotive Grade)
Overview
KEMET’s high voltage surface mount MLCCs in C0G dielectric
feature a 125°C maximum operating temperature and are
considered “stable.” The Electronics Industries Alliance (EIA)
characterizes C0G dielectric as a Class I material. Components
of this classification are temperature compensating and are
suited for resonant circuit applications or those where Q and
stability of capacitance characteristics are required. C0G
exhibits no change in capacitance with respect to time and
voltage and boasts a negligible change in capacitance with
reference to ambient temperature. Capacitance change is
limited to ±30 ppm/ºC from -55°C to +125°C.
These devices exhibit low ESR at high frequencies and find
conventional use as snubbers or filters in applications such
as switching power supplies and lighting ballasts. Their
exceptional performance at high frequencies has made high
voltage MLCCs the preferred dielectric choice of design
engineers worldwide. In addition to their use in power supplies,
these capacitors are widely used in industries related to
automotive (hybrid), telecommunications, medical, military,
aerospace, semiconductors and test/diagnostic equipment.
Automotive Grade is available for applications requiring proven,
reliable performance in harsh environments. Whether under-hood
or in-cabin, these capacitors are designed for mission and safety
critical automotive circuits. Stricter testing protocol and inspection
criteria have been established for automotive grade products
in recognition of potentially harsh environmental conditions.
KEMET automotive grade series capacitors meet the demanding
Automotive Electronics Council's AEC–Q200 qualification
requirements.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1812C102JCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C102JCRAC KEMET-C1812C102JCRAC Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C1812C102JCGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210S332JCGACTU KEMET-C1210S332JCGACTU Datasheet
797Kb / 23P
   Floating Electrode (FE-CAP), High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
1/25/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C2225Y393JCGACTU KEMET-C2225Y393JCGACTU Datasheet
907Kb / 24P
   Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com