Electronic Components Datasheet Search |
|
CAT24C04 Datasheet(PDF) 8 Page - ON Semiconductor |
|
CAT24C04 Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 21 page CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16 http://onsemi.com 8 READ OPERATIONS Immediate Read Upon receiving a Slave address with the R/W bit set to ‘1’, the CAT24Cxx will interpret this as a request for data residing at the current byte address in memory. The CAT24Cxx will acknowledge the Slave address, will immediately shift out the data residing at the current address, and will then wait for the Master to respond. If the Master does not acknowledge the data (NoACK) and then follows up with a STOP condition (Figure 10), the CAT24Cxx returns to Standby mode. Selective Read Selective Read operations allow the Master device to select at random any memory location for a read operation. The Master device first performs a ‘dummy’ write operation by sending the START condition, slave address and byte address of the location it wishes to read. After the CAT24Cxx acknowledges the byte address, the Master device resends the START condition and the slave address, this time with the R/W bit set to one. The CAT24Cxx then responds with its acknowledge and sends the requested data byte. The Master device does not acknowledge the data (NoACK) but will generate a STOP condition (Figure 11). Sequential Read If during a Read session, the Master acknowledges the 1st data byte, then the CAT24Cxx will continue transmitting data residing at subsequent locations until the Master responds with a NoACK, followed by a STOP (Figure 12). In contrast to Page Write, during Sequential Read the address count will automatically increment to and then wrap−around at end of memory (rather than end of page). In the CAT24C01, the internal address count will not wrap around at the end of the 128 byte memory space. SCL SDA 8th Bit STOP NO ACK DATA OUT 89 SLAVE ADDRESS S A C K D ATA BYTE N O A C K S T O P P S T A R T BUS ACTIVITY: MASTER SLAVE Figure 10. Immediate Read Sequence and Timing SLAVE S A C K N O A C K S T O P P S T A R T S A C K SLAVE ADDRESS A C K S T A R T D ATA BYTE ADDRESS BYTE ADDRESS BUS ACTIVITY: MASTER SLAVE Figure 11. Selective Read Sequence S T O P P SLAVE ADDRESS A C K A C K A C K N O A C K A C K D ATA BYTE n D ATA BYTE n+1 D ATA BYTE n+2 D ATA BYTE n+x BUS ACTIVITY: MASTER SLAVE Figure 12. Sequential Read Sequence |
Similar Part No. - CAT24C04 |
|
Similar Description - CAT24C04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |