Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ16148HP30 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PJ16148HP30
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PJ16148HP30 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PJ16148HP30 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.99 406.15
17.87 453.80
3.31 84.07
3.50 88.77
2.25 57.15
TYP.
2.25
TYP.
57.15
A
A
B
B
C
(2) EACH #10-32 BRASS INSERTS
AND STAINLESS STEEL
CAPTIVE COVER SCREWS
WITH RETAINING O-RING
8.79 223.25
8.00 203.20
.22 5.59
.10 2.54
7.68 195.14
SECTION A-A
OPTIONAL BACK PANEL
0.100 [2.54] TH'K- ALUMINUM
0.075 [1.91] TH'K- WHITE STEEL & GALVANNEALED
0.125 [3.18] TH'K- FIBERGLASS
(4) .34 8.74
13.01 330.45
17.82 452.63
17.19 436.63
(4) STAINLESS STEEL
MOUNTING FEET
(4) EACH #10-32 BRASS
INSERTS, AND STAINLESS
STEEL FEET SCREWS
SECTION B-B
S. ST'L HINGE
CLOSED CELL
NEOPRENE
GASKET
(4) EACH #10-32 BRASS
INSERTS AND PLATED
CARBON STEEL SCREWS
14.75 374.65
12.88 327.03
12.25 311.15
14.40 365.76
.47 11.98
16.27 413.26
14.25 361.95
.19 4.83
.67 17.02
1.20 30.5
DETAIL C
SCALE 2 : 3
30.5mm HOLE
DETAIL
MATERIAL:
BOX- COMPRESSION MOLDED FIBERGLASS REINFORCED POLYESTER
COVER- COMPRESSION MOLDED FIBERGLASS REINFORCED POLYESTER
WINDOWS- POLYCARBONATE
FRONT VIEW
WITH COVER REMOVED
AND BACK PANEL SHOWN
DESCRIPTION
SYM.
DR
DATE
CK
REL
www.hammfg.com
for more information visit
Data subject to change without notice
Drawing Not to Scale
PART No. PJ1648HP30


Similar Part No. - PJ16148HP30

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ16148HP30 HAMMOND-PJ16148HP30 Datasheet
216Kb / 3P
   Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
More results

Similar Description - PJ16148HP30

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com