Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UE26XK Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1UE26XK
Description  Low Voltage Operation, Compact IR Detecting Unit for Remote Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE26XK Datasheet(HTML) 2 Page - Sharp Corporation

  GP1UE26XK Datasheet HTML 1Page - Sharp Corporation GP1UE26XK Datasheet HTML 2Page - Sharp Corporation GP1UE26XK Datasheet HTML 3Page - Sharp Corporation GP1UE26XK Datasheet HTML 4Page - Sharp Corporation GP1UE26XK Datasheet HTML 5Page - Sharp Corporation GP1UE26XK Datasheet HTML 6Page - Sharp Corporation GP1UE26XK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GP1UE26XK/27XK/28XK/28YK Series
GP1UE26XK
GP1UE260XK
GP1UE261XK
GP1UE262XK
GP1UE267XK
GP1UE27XK
GP1UE270XK
GP1UE271XK
GP1UE272XK
GP1UE277XK
GP1UE28XK
GP1UE280XK
GP1UE281XK
GP1UE282XK
GP1UE287XK
GP1UE28YK
GP1UE280YK
GP1UE281YK
GP1UE282YK
GP1UE287YK
Model No.
40
36
38
36.7
B.P.F. center frequency
56.8
Unit
kHz
s Model Line-up
Diversified models with a different B.P.F. frequency are also available.
s Outline Dimensions
GP1UE28XK Series
GP1UE28YK Series
*3 2.9
*1 2.54
*1 2.54
*3 5.8
2.9
*3
2.54
3−φ
0.8
Center of PD
1.4
1.4
2.54
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UE28XK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
5.6
1.25
1.25
0.5
0.8
0.8
VOUT
VCC
GND
1
2
3
12
3
1
2
3
1.8
R2.1
14.2
3.6
*23.6±0.5
17.8±
0.5
2.54
2.54
1.4
1.4
3
−φ
0.8
Example of mounting drawing
from solder side (Reference)
Example of mounting drawing
from solder side (Reference)
0.4
*11.7
*32.9
*35.8
*32.9
3.7
1.4
1.4
5.4
6.8
1.8
R2.1
2.75
5.6
VOUT
VCC
GND
1
2
3
*12.54
*12.54
0.5
0.8
0.8
1.25
1.25
Top of lenz
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UE28YK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
12
3
12
3
(Unit : mm)


Similar Part No. - GP1UE26XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UE260RKVF SHARP-GP1UE260RKVF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
GP1UE261RKVF SHARP-GP1UE261RKVF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
GP1UE262RKVF SHARP-GP1UE262RKVF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
GP1UE263RKVF SHARP-GP1UE263RKVF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
GP1UE26RK0VF SHARP-GP1UE26RK0VF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
More results

Similar Description - GP1UE26XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com