Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UE272XK Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1UE272XK
Description  Low Voltage Operation, Compact IR Detecting Unit for Remote Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UE272XK Datasheet(HTML) 3 Page - Sharp Corporation

  GP1UE272XK Datasheet HTML 1Page - Sharp Corporation GP1UE272XK Datasheet HTML 2Page - Sharp Corporation GP1UE272XK Datasheet HTML 3Page - Sharp Corporation GP1UE272XK Datasheet HTML 4Page - Sharp Corporation GP1UE272XK Datasheet HTML 5Page - Sharp Corporation GP1UE272XK Datasheet HTML 6Page - Sharp Corporation GP1UE272XK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GP1UE26XK/27XK/28XK/28YK Series
Parameter
Conditions
No input light
*3
*3 IOL
=1.6mA
*3
*3
MIN.
VCC
0.5
400
600
TYP.
0.4
MAX.
0.6
0.45
1 000
1 200
Unit
mA
V
V
µs
µs
Dissipation current
High level output voltage
Low level output voltage
High level pulse width
Symbol
ICC
VOH
T1
VOL
T2
Low level pulse width
−−
*4
kHz
f0
B.P.F. center frequency
70
100
130
k
RL
Output pull-up resistance
*3 The burst wave as shown in the following figure shall be transmitted by the transmitter shown in Fig. 1
The carrier frequency of the transmitter, however, shall be same as *4, and measurement shall be from just after starting the transmission until 50 pulse
*4 The B.P.F. center frequency f0 varies with model, as shown in s Model Line-up
(Ta=25˚C, VCC=3V)
s Electro-optical Characteristics
1 000
µs
600
µs
f0=(*4)
Duty 50%
Burst wave
s Absolute Maximum Ratings
*1 No dew condensation is allowed
*2 For 5s (At mounting on PCB with thickness of 1.6mm)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
V
Operating temperature
Topr
−10 to +70
°C
0 to
+6.0
*1
*2
Storage temperature
Tstg
−20 to +70
°C
Soldering temperature
Tsol
260
°C
(Ta
=25°C)
s Recommended Operating Conditions
Parameter
Symbol Operating conditions
Unit
VCC
2.4 to 3.6
V
Supply voltage
s Internal Block Diagram
VOUT
RL
VCC
GND
B.P.F.
Limiter
Demodulator Integrator Comparator


Similar Part No. - GP1UE272XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UE272RKVF SHARP-GP1UE272RKVF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
More results

Similar Description - GP1UE272XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com