Selected language     English  β–Ό


2SC5336 Datasheet(PDF) 5 Page - NEC

Part No. 2SC5336
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 5 page
background image
5
2SC5336
S-PARAMETER
VCE = 10 V, IC = 40 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.378
βˆ’ 97.1
32.908
123.3
.017
71.1
.665
βˆ’ 34.7
200
.317
βˆ’ 131.8
18.819
106.0
.027
71.2
.487
βˆ’ 38.7
300
.308
βˆ’ 150.1
12.955
97.5
.035
71.8
.398
βˆ’ 38.5
400
.299
βˆ’ 158.7
9.775
93.1
.042
78.1
.393
βˆ’ 36.9
500
.297
βˆ’ 165.5
7.899
89.8
.052
78.5
.399
βˆ’ 37.6
600
.288
βˆ’ 169.2
6.586
87.6
.061
79.1
.407
βˆ’ 39.9
700
.274
βˆ’ 173.7
5.607
85.2
.071
77.4
.400
βˆ’ 44.6
800
.261
βˆ’ 177.3
4.879
83.5
.081
76.4
.415
βˆ’ 47.4
900
.255
178.9
4.435
82.2
.092
76.5
.399
βˆ’ 46.2
1000
.260
173.0
4.024
81.4
.095
77.6
.440
βˆ’ 44.3
1100
.243
169.4
3.801
80.6
.098
77.1
.441
βˆ’ 45.2
1200
.239
169.3
3.827
78.2
.109
78.3
.494
βˆ’ 46.2
1300
.245
160.3
3.587
68.4
.117
78.0
.517
βˆ’ 55.4
1400
.216
157.8
2.980
66.0
.125
80.3
.486
βˆ’ 54.5
1500
.235
155.3
2.726
66.1
.137
86.5
.500
βˆ’ 59.0
1600
.243
148.8
2.537
64.0
.143
80.6
.474
βˆ’ 53.7
1700
.233
146.0
2.348
64.2
.159
81.2
.496
βˆ’ 56.8
1800
.242
144.6
2.200
63.5
.163
80.4
.491
βˆ’ 53.6
1900
.249
141.9
2.073
63.3
.171
81.7
.534
βˆ’ 58.0
2000
.260
140.4
1.986
61.7
.184
77.5
.535
βˆ’ 61.3




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC5337NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 MoreNEC
2SC5338NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 MoreNEC
NE856M02NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 MoreNEC
NE461M02NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER 1 2 3 4 5 NEC
2SC4955HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 5 MoreNEC
2SC4956HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC4957HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC
2SC2351HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 1 2 3 4 NEC
2SC4958HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD 1 2 3 4 5 MoreNEC
2SC2570AHIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl