Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMF4218TS Datasheet(PDF) 2 Page - Ericsson

Part # PMF4218TS
Description  POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMF4218TS Datasheet(HTML) 2 Page - Ericsson

  PMF4218TS Datasheet HTML 1Page - Ericsson PMF4218TS Datasheet HTML 2Page - Ericsson PMF4218TS Datasheet HTML 3Page - Ericsson PMF4218TS Datasheet HTML 4Page - Ericsson PMF4218TS Datasheet HTML 5Page - Ericsson PMF4218TS Datasheet HTML 6Page - Ericsson PMF4218TS Datasheet HTML 7Page - Ericsson PMF4218TS Datasheet HTML 8Page - Ericsson PMF4218TS Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
2 (3)
Prepared (also subject responsible if other)
No.
Henrik Sundh (MPM/BY/P)
1/1301 BMR 643 4 Uen
Approved
Checked
Date
Rev
Reference
MPM/BY/M [Krister Lundberg]
2006-02-20
A
General Information
Ordering Information
See Contents for individual product ordering numbers.
Option
Suffix
Through hole pin
SMD pin
SMD pin, leadfree reflow
temperature capable
P
S
R
PMF4218TP
PMF4218TS
PMF4218TSR
Reliability
The Mean Time Between Failure (MTBF) is calculated at full
output power and an operating ambient temperature (T
A) of
+40°C. Different methods could be used to calculate the
predicted MTBF and failure rate which may give different
results. Ericsson Power Modules currently uses Telcordia
SR332.
Predicted MTBF for the series is:
-
4.04 million hours according to Telcordia SR332, issue
1, Black box technique.
Telcordia SR332 is a commonly used standard method
intended for reliability calculations in IT&T equipment. The
parts count procedure used in this method was originally
modelled on the methods from
MIL-HDBK-217F, Reliability Predictions of Electronic
Equipment.
It assumes that no reliability data is available on the actual
units and devices for which the predictions are to be made,
i.e. all predictions are based on generic reliability
parameters.
Compatibility with RoHS requirements)
The products are compatible with the relevant clauses and
requirements of the RoHS directive 2002/95/EC and have a
maximum concentration value of 0.1% by weight in
homogeneous materials for lead in other applications other
than lead in solder, lead in high melting temperature type
solder, lead in glass of electronics components, lead in
electronic ceramic parts and lead as an alloying element in
copper containing up to 4% lead by weight, mercury,
hexavalent chromium, PBB and PBDE and of 0.01% by
weight in homogeneous materials for cadmium.
Exemptions in the RoHS directive utilized in the products:
-
Lead as an alloying element in copper alloy containing
up to 4% lead by weight (used in connection pins
made of Brass)
-
Lead in high melting temperature type solder (used to
solder the die in semiconductor packages)
-
Lead in glass of electronics components and in
electronic ceramic parts (e.g. fill material in chip
resistors)
-
Lead in solder for servers, storage and storage array
systems, network infrastructure equipment for
switching, signalling, transmission as well as network
management for telecommunication
(Note: the products are manufactured in lead-free
soldering processes and the lead present is only
located in the terminal plating finishes on some
components)
Quality Statement
The products are designed and manufactured in an
industrial environment where quality systems and methods
like ISO 9000, 6σ (sigma), and SPC are intensively in use to
boost the continuous improvements strategy. Infant
mortality or early failures in the products are screened out
and they are subjected to an ATE-based final test.
Conservative design rules, design reviews and product
qualifications, plus the high competence of an engaged
work force, contribute to the high quality of our products.
Warranty
Warranty period and conditions are defined in Ericsson
Power Modules General Terms and Conditions of Sale.
Limitation of Liability
Ericsson power Modules does not make any other
warranties, expressed or implied including any warranty of
merchantability or fitness for a particular purpose
(including, but not limited to, use in life support
applications, where malfunctions of product can cause
injury to a person’s health or life).
E
PMF 4000 series
POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
EN/LZT 146 316 R1B February 2006
© Ericsson Power Modules AB
Technical Specification
E
PMF 4000 series
POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
EN/LZT 146 316 R1B April 2006
© Ericsson Power Modules AB
Technical Specification
E
PMF 4000 series
POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
EN/LZT 146 316 R1C Aug 2007
© Ericsson Power Modules AB
Technical Specification
2


Similar Part No. - PMF4218TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF400UN PHILIPS-PMF400UN Datasheet
91Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-11 February 2004
logo
VBsemi Electronics Co.,...
PMF400UN VBSEMI-PMF400UN Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMF400UN NEXPERIA-PMF400UN Datasheet
209Kb / 13P
   N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 11 February 2004
logo
StarHope
PMF40A SPSEMI-PMF40A Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
logo
SUNMATE electronic Co.,...
PMF40A SUNMATE-PMF40A Datasheet
996Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - PMF4218TS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMD4118OWSR ERICSSON-PMD4118OWSR Datasheet
973Kb / 45P
   POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
PMM8218TP ERICSSON-PMM8218TP Datasheet
1Mb / 34P
   POL regulator, Input 8-14 V, Output 50 A/275 W
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
logo
Texas Instruments
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
logo
Ericsson
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Texas Instruments
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com