Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR36MF11NSZ Datasheet(PDF) 10 Page - Sharp Corporation

Part # PR36MF11NSZ
Description  IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR36MF11NSZ Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PR36MF11NSZ Datasheet HTML 6Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 7Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 8Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 9Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 10Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 11Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 12Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 13Page - Sharp Corporation PR36MF11NSZ Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
PR26MF1xNSZ Series
PR36MF1xNSZ Series
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit
Tr1
R1
D1
V1
+VCC
AC Line
Load
ZS
ZS : Surge absorption circuit (Snubber circuit)
SSR
8
2
3
6
Sheet No.: D4-A00401EN
● Recommended Foot Print (reference)
SMT Gullwing Lead-form
2.2
8.2
(Unit : mm)


Similar Part No. - PR36MF11NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR36MF11NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
   Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
PR22MA11NTZ SHARP-PR22MA11NTZ Datasheet
268Kb / 14P
   IT(rms)??.15A, Non-Zero Cross type DIP 6pin SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com