Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7A7511-15 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7A7511-15
Description  uP Supervisor Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7A7511-15 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7A7511-15 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7A7511-15 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0002
PT0082-7
07/05/12
5
PT7A7511-15/7521-25/7531-35
μP Supervisor Circuits
AC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
tRS
Reset Pulse Width
MR from low to High, TA=25℃
160
200
280
ms
tWD
Watchdog Timeout Period
WDI, MR tied to Vcc, Vcc>VRN+5% ,
TA=25℃
1.2
1.6
2.25
s
tMR
MR Pulse Width
-
200
-
-
ns
tMD
MR to RESET Delay
Vcc=5V
-
-
250
ns
tWP
WDI Pulse Width
-
150
-
-
ns
Watchdog Timing Diagram
t
WP
t
WD
t
WD
t
WD
t
RS
WDI
WDO
RESET
RESET
5V
0V
5V
0V
5V
0V
5V
0V
Externally
Triggered by MR
Watchdog Timing Diagram
V
RT
t
RS
t
RS
t
MR
t
MD
WDO
RESET
MR
5V
0V
V
RT
V
CC
5V
0V
5V
0V
5V
0V


Similar Part No. - PT7A7511-15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
More results

Similar Description - PT7A7511-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com