Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP800DDS18 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # GP800DDS18
Description  Dual Switch IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800DDS18 Datasheet(HTML) 2 Page - Dynex Semiconductor

  GP800DDS18 Datasheet HTML 1Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 2Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 3Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 4Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 5Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 6Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 7Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 8Page - Dynex Semiconductor GP800DDS18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GP800DDS18
2/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Test Conditions
Continuous dissipation -
junction to case
Continuous dissipation -
junction to case
Mounting torque 5Nm
(with mounting grease)
Transistor
Diode
-
Mounting - M6
Electrical connections - M4
Electrical connections - M8
Parameter
Thermal resistance - transistor (per arm)
Thermal resistance - diode (per arm)
Thermal resistance - case to heatsink (per module)
Junction temperature
Storage temperature range
Screw torque
THERMAL AND MECHANICAL RATINGS
ABSOLUTE MAXIMUM RATINGS - PER ARM
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. In extreme
conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety
precautions should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability.
T
case = 25˚C unless stated otherwise
Symbol
V
CES
V
GES
I
C
I
C(PK)
P
max
V
isol
Test Conditions
V
GE = 0V
-
T
case = 55˚C for Tj = 125˚C
1ms, T
case = 100˚C
T
case = 25˚C, Tj = 150˚C
Commoned terminals to base plate. AC RMS, 1 min, 50Hz
Units
V
V
A
A
W
V
Max.
1800
±20
800
1600
6000
4000
Parameter
Collector-emitter voltage
Gate-emitter voltage
Continuous collector current
Peak collector current
Max. transistor power dissipation
Isolation voltage
Symbol
R
th(j-c)
R
th(j-c)
R
th(c-h)
T
j
T
stg
-
Units
˚C/kW
˚C/kW
˚C/kW
˚C
˚C
˚C
Nm
Nm
Nm
Max.
21
40
8
150
125
125
5
2
10
Min.
-
-
-
-
-
–40
-
-
-


Similar Part No. - GP800DDS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP800DDS12 DYNEX-GP800DDS12 Datasheet
105Kb / 11P
   Powerline N-Channel Dual Switch IGBT Module
More results

Similar Description - GP800DDS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
   Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
   Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
   Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
   Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
   Dual Switch IGBT Module
DIM400GDM33-F032 DYNEX-DIM400GDM33-F032 Datasheet
366Kb / 8P
   Dual Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com