Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-105 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FM-105
Description  Plug-In Frequency Doubler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FM-105 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FM-105 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FM-105 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Plug-In Frequency Doubler,
20 - 1500 MHz Output
Rev. V3
FM-105
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
RH-3
Features
n
Relay Header Case
n
Multioctave Frequency Coverage
n
Conversion Loss: 12 dB Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW Max.
n
MIL-STD-883 Screening Available
Description
A transmission line balun transformer connects to Schottky
diodes arranged in a bridge configuration.
This design
allows balanced activation of all diodes, and yields
excellent conversion loss, and odd-order term suppression.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
Input
Output
10 - 750
20 - 1500
MHz
MHz
Conversion Loss
10 - 500 MHz
500 - 750 MHz
dB
dB
14.5
15.5
F1
10 - 100 MHz
100 - 300 MHz
300 - 500 MHz
500 - 750 MHz
dB
dB
dB
dB
25
20
15
10
F3
30 - 300 MHz
300 - 900 MHz
900 - 1500 MHz
1500 - 2250 MHz
dB
dB
dB
dB+
35
30
25
20
VSWR
Input
Ratio
<2.0:1
Conversion Loss as
Quadrupler
dB
30
Spurious (Referred to
Output F2 Level)
1. All specifications apply when operated at +13 dBm input power with 50 ohm source and load impedance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Input
5
GND
2
GND
6
GND
3
GND
7
GND
4
GND
8
Output


Similar Part No. - FM-105

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Tyco Electronics
FM-105PIN MACOM-FM-105PIN Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105PIN MA-COM-FM-105PIN Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
More results

Similar Description - FM-105

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
   Frequency Doubler
logo
Tyco Electronics
FD26 MACOM-FD26 Datasheet
387Kb / 3P
   Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
   Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
   Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403 Datasheet
661Kb / 3P
   Frequency Doubler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com