Selected language     English  ▼


H-8-4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. H-8-4
Description  Broadband Two-Way Power Divider
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

   
 1 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Broadband Two-Way Power Divider,
2 MHz - 2 GHz
Rev. V2
H-8-4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 11 Octave Coverage
• Low Loss - 1.25 dB Max
• High Isolation - 20dB Min
C-19
Guaranteed Specifications: From –55
oC to +85oC
Frequency Range
30-3000 MHz
Insertion Loss (less coupling)
2-10 MHz
10-1000 MHz
1000 MHz-2 GHz
1.0 dB Max
1.0 dB Max
1.7 dB Max
Isolation
2-10 MHz
10-1000 MHz
1000 MHz-2 GHz
20 dB Min
25 dB Min
20 dB Min
Amplitude Balance
2-10 MHz
10-1000 MHz
1000 MHz-2 GHz
0.1 dB Max
0.1 dB Max
0.6 dB Max
VSWR (All Ports)
2-10 MHz
10-1000 MHz
1000 MHz-2 GHz
2.5:1 Max
1.3:1 Max
1.5:1 Max
Phase Balance
2-1000 MHz
1000 MHz-2 GHz
2.5
o Max
5
o Max
Operating Characteristics
* All specifications apply with 50 ohm source and load
impedance.
Parameter
Absolute Maximum
Impedance
50 Ohms Nominal
Maximum Power Rating
Or Input Power
2.0 Watt Max
Enviornmental
MIL-STD-883 screening available.
Internal Load Dissipation
0.5 Watt Max




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl