Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H-81-4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # H-81-4
Description  180o Two-Way Power Divider
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

H-81-4 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  H-81-4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. H-81-4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
180o Two-Way Power Divider,
5 - 1000 MHz
Rev. V2
H-81-4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broadband Frequency Range
• Low Loss - Less Than 1.3 dB Max
• VSWR - 1.4:1 Max
C-19
Guaranteed Specifications: From –55
oC to +85oC
Frequency Range
5-1000 MHz
Insertion Loss (less coupling)
5-100 MHz
100 -1000 MHz
0.7 dB Max
1.4 dB Max
Isolation
5-100 MHz
100 -1000 MHz
20 dB Min
25 dB Min
Amplitude Balance
5-100 MHz
100 -1000 MHz
0.2 dB Max
0.5 dB Max
VSWR (All Ports)
1.4:1 Max
Phase Balance
5-100 MHz
100 -1000 MHz
5
o Max
2.5
o Max
Operating Characteristics
* All specifications apply with 50 ohm source and load
impedance.
Parameter
Absolute Maximum
Impedance
50 Ohms Nominal
Maximum Power Rating
Or Input Power
2.0 Watt Max
Environmental
Internal Load Dissipation
0.5 Watt Max


Similar Part No. - H-81-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
H-81-4 MA-COM-H-81-4 Datasheet
67Kb / 2P
   180쨘 Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
H-81-4BNC MACOM-H-81-4BNC Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
H-81-4BNC MA-COM-H-81-4BNC Datasheet
67Kb / 2P
   180쨘 Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
H-81-4N MACOM-H-81-4N Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
More results

Similar Description - H-81-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-DSS-113 MA-COM-DS-DSS-113 Datasheet
94Kb / 3P
   Two-Way Power Divider
DS-109-DS-319 MA-COM-DS-109-DS-319 Datasheet
76Kb / 3P
   Two-Way Power Divider
DSS-113 MA-COM-DSS-113_15 Datasheet
601Kb / 4P
   Two-Way Power Divider
DS-331 MA-COM-DS-331 Datasheet
105Kb / 2P
   Two-Way Power Divider
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
   Two-Way Power Divider
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider
DS--DSS-313 MA-COM-DS--DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider
DS-DSS-313 MA-COM-DS-DSS-313 Datasheet
528Kb / 4P
   Two-Way Power Divider
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
   Flatpack Two-Way Power Divider
H-8-4 MA-COM-H-8-4 Datasheet
71Kb / 2P
   Broadband Two-Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com