Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH_JHS-121 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # JH_JHS-121
Description  Quadrature Hybrid
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

JH_JHS-121 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  JH_JHS-121 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. JH_JHS-121 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. JH_JHS-121 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Quadrature Hybrid,
100 - 200 MHz
Rev. V3
JH- / JHS-121
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ordering Information
Part Number
Package
JH-121 PIN
FP-2
JHS-121 PIN
SF-1


Similar Part No. - JH_JHS-121

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH_JHS-113 MA-COM-JH_JHS-113 Datasheet
90Kb / 3P
   Quadrature Hybrid
JH_JHS-114_JH-133 MA-COM-JH_JHS-114_JH-133 Datasheet
99Kb / 3P
   Quadrature Hybrid
JH_JHS-119 MA-COM-JH_JHS-119 Datasheet
92Kb / 3P
   Quadrature Hybrid
JH_JHS-136 MA-COM-JH_JHS-136 Datasheet
93Kb / 3P
   Quadrature Hybrid
JH_JHS-139 MA-COM-JH_JHS-139 Datasheet
94Kb / 3P
   Quadrature Hybrid
More results

Similar Description - JH_JHS-121

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH_JHS-113 MA-COM-JH_JHS-113 Datasheet
90Kb / 3P
   Quadrature Hybrid
logo
API Technologies Corp
752 APITECH-752 Datasheet
154Kb / 1P
   QUADRATURE HYBRID
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
   QUADRATURE HYBRID
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
   QUADRATURE HYBRID
751 APITECH-751 Datasheet
154Kb / 1P
   QUADRATURE HYBRID
750 APITECH-750 Datasheet
154Kb / 1P
   QUADRATURE HYBRID
749 APITECH-749 Datasheet
153Kb / 1P
   QUADRATURE HYBRID
logo
M/A-COM Technology Solu...
JH_JHS-139 MA-COM-JH_JHS-139 Datasheet
94Kb / 3P
   Quadrature Hybrid
logo
API Technologies Corp
2375-9 APITECH-2375-9 Datasheet
182Kb / 2P
   QUADRATURE HYBRID
logo
M/A-COM Technology Solu...
JH_JHS-114_JH-133 MA-COM-JH_JHS-114_JH-133 Datasheet
99Kb / 3P
   Quadrature Hybrid
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com