Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBT1V471MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UBT1V471MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBT1V471MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UBT1V471MHD Datasheet HTML 1Page - Nichicon corporation UBT1V471MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Pressure
relief vent
L+2 MAX.
15MIN
4MIN
Sleeve (polyolefin)
Sleeve (P.E.T) or
φd
φD
P
8
0.8
3.5
10
0.8
5.0
12.5
1.0
5.0
16
1.0
7.5
φd
0.6
0.6
0.6
0.8
18
1.0
7.5
0.8
U
1
B
2
T
3
1
4
A
5
2
6
2
7
1
8
M
9
P
10
D
11
8
12
Configuration
Capacitance tolerance (
±20%)
Rated capacitance (220
µF)
Rated voltage (10V)
Series name
Type
In case L > 25 for the
φ12.5 dia. unit, lead dia. φ d = 0.8mm.
φ D
8 · 10
Pb-free leadwire
Pb-free
PET sleeve
PD8
12.5 to 18
HD8
Standard type
Pb-free leadwire
Pb-free
Polyolefin sleeve
PD
HD
Semi-standard type
Configuration
(mm)
polyolefin sleeve product is also available upon request.
BT
series
High Temperature Range, For +125°C Use
Highly dependable reliability withstanding load life of 2000 to 10000 hours at +125°C.
Suited for automobile electronics where heavy duty services are indispensable.
Compliant to the RoHS directive (2011/65/EU).
Radial Lead Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 to +125°C (10 to 250V), – 25 to +125°C (350 to 450V)
10 to 450V
1 to 4700µF
± 20% at 120Hz, 20°C
Printed with white color letter on blue sleeve.
After storing the capacitors under no load at 125˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Type numbering system (Example : 10V 220µF)
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
80
2
4
100
2
4
160 to 250
3
6
350 to 450
6
The specifications listed at right shall be met when the
capacitors are restored to 20˚C after D.C. bias plus
rated ripple current is applied for less than 50V (
φD =
8 : 2000 hours,
φD = 10 : 5000 hours, φD >= 12.5 :
10000 hours), 63 to 100V (
φD = 8 : 2000 hours, φD =
10 : 3000 hours,
φD >= 12.5 : 5000 hours), more than
160V (2000 hours) at 125˚C, the peak voltage shall
not exceed the rated voltage.
120Hz
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
120Hz, 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated voltage (V)
tan
δ (MAX.)
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
80
0.08
100
0.08
160 to 250
0.20
350 to 450
0.24
Impedance ratio
ZT / Z20 (MAX.)
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Dimension table in next page.
Rated Voltage (V)
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
160 to 450
CV <
= 1000 : I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 : I = 0.04CV+100 (µA) max. (1 minute's)
10 to 100
BT
BW
High
Temperature
• Please refer to page 20 about the end seal configuration.
Capacitance change
Dissipation Factor
Leakage current
Less than or equal to the initial specified value
300% or less than the initial specified value (10 to 100V)
200% or less than the initial specified value (160 to 450V)
Within ± 30% of the initial capacitance value (10 to 100V)
Within ± 20% of the initial capacitance value (160 to 450V)
CAT.8100C


Similar Part No. - UBT1V471MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBT1V471MPD NICHICON-UBT1V471MPD Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBT1V471MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com