Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP801DCS18 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # GP801DCS18
Description  Chopper Switch Low VCESAT IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP801DCS18 Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button GP801DCS18 Datasheet HTML 2Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 3Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 4Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 5Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 6Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 7Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 8Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 9Page - Dynex Semiconductor GP801DCS18 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GP801DCS18
8/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Nominal weight: 1600g
Module outline type code: D


Similar Part No. - GP801DCS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DCM18 DYNEX-GP801DCM18 Datasheet
158Kb / 10P
   Hi-Reliability Chopper Switch Low VCESAT IGBT Module
More results

Similar Description - GP801DCS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DCM18 DYNEX-GP801DCM18 Datasheet
158Kb / 10P
   Hi-Reliability Chopper Switch Low VCESAT IGBT Module
GP800DCS18 DYNEX-GP800DCS18 Datasheet
193Kb / 10P
   Chopper Switch IGBT Module
GP801DDM18 DYNEX-GP801DDM18 Datasheet
142Kb / 10P
   Hi-Reliability Dual Switch Low VCESAT IGBT Module
GP800DCM18 DYNEX-GP800DCM18 Datasheet
158Kb / 10P
   Hi-Reliability Chopper Switch IGBT Module
logo
Powerex Power Semicondu...
QIQ0630003 POWEREX-QIQ0630003 Datasheet
93Kb / 2P
   Low side Chopper IGBT Module
logo
International Rectifier
GA150KS61U IRF-GA150KS61U Datasheet
164Kb / 9P
   Low Side Switch Chopper Module Ultra-Fast Speed IGBT
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com