Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPW1J101MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPW1J101MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPW1J101MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UPW1J101MPD Datasheet HTML 1Page - Nichicon corporation UPW1J101MPD Datasheet HTML 2Page - Nichicon corporation UPW1J101MPD Datasheet HTML 3Page - Nichicon corporation UPW1J101MPD Datasheet HTML 4Page - Nichicon corporation UPW1J101MPD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Performance Characteristics
Item
Rated voltage (V)
15MIN
4MIN
φd
U
1
P
2
W
3
1
4
A
5
6
6
8
7
1
8
M
9
P
10
D
11
12
Configuration
Size code
Capacitance tolerance (
±20%)
Rated capacitance (680
µF)
Rated voltage (10V)
Series name
Type
Pressure relief vent
φ6.3up (No pressure relief vent for 7mmL products)
L+ MAX.
Sleeve (P.E.T.)
φ D
Pb-free leadwire
Pb-free PET sleeve
4 · 5
DD
6.3
ED ( 7mm L : DD)
8 · 10
PD
12.5 to 18
HD
Configuration
20 to 25
RD
φD
P
φd
4
1.5
0.45
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(0.45) (0.45)
0.8
(L = 7) 1.0
(L < 20) 1.5
(L
20) 2.0
: Applied to L>25 products
( ): Applied to 7mmL products
20
22
10.0
10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
(mm)
PW
series
Miniature Sized, Low lmpedance,
High Reliability For Switching Power Supplies
Radial Lead Type
Type numbering system (Example : 10V 680µF)
Smaller case size and lower impedance than PM series.
Low impedance and high reliability withstanding 2000 hours to 8000 hours.
Capacitance ranges available based on the numerical values in E12 series
under JIS.
Compliant to the RoHS directive (2002/95/EC).
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 55 to +105˚C (6.3 to 100V), – 40 to + 105˚C (160 to 400V), – 25 to +105˚C (450V)
6.3 to 450V
0.47 to 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Rated voltage (V)
6.3 to 100
160 to 450
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
CV <
= 1000 : I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 :
I = 0.04CV+100 (µA) max. (1 minute's)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
160 to 250
0.15
315 · 350
0.20
400 · 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz at 20˚C
120Hz
Z
25˚C / Z+20˚C
Rated voltage (V)
Impedance ratio
(MAX.)
6.3 · 10
3
16 · 25
3
35 · 50
3
63 · 100
3
160 · 200
3
4
250
3
6
315 · 350
4
8
400
6
10
450
15
Z
40˚C / Z+20˚C
Z
55˚C / Z+20˚C
The specifications listed at right shall be met when the
capacitors are restored to 20˚C after D.C. bias plus rated
ripple current is applied for 8000 hours (2000 hours for
φD=4,
5 and 6.3, 3000 hours for
φD=8, 5000 hours for φD=10, 7000
hours for
φD=12.5) at 105˚C, the peak voltage shall not
exceed the rated voltage.
Frequency coefficient of rated ripple current
V
6.3 to 100
160 to 450
Frequency
Cap. (µF)
0.47 to 56000
68 to 330.
390 to 1000.
.1200 to 150000
0.47 to 22000
330 to 4700.
50Hz
0.20
0.55
0.70
0.80
0.80
0.90
120Hz
0.30
0.65
0.75
0.85
1.00
1.00
300Hz
0.50
0.75
0.80
0.90
1.25
1.10
1kHz
0.80
0.85
0.90
0.95
1.40
1.13
10kHz or more
1.00
1.00
1.00
1.00
1.60
1.15
Leakage current
tan
δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
PW
PM
Smaller
ALUMINUM ELECTROLYTIC CAPACITORS
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Low
Impedance
PA
TT
• Please refer to page 20 about the end seal configulation.
Long Life
CAT.8100B


Similar Part No. - UPW1J101MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPW1J101MPD NICHICON-UPW1J101MPD Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPW1J101MPD6 NICHICON-UPW1J101MPD6 Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPW1J101MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com