Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP801DDS18 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # GP801DDS18
Description  Dual Switch Low VCE(SAT) IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP801DDS18 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button GP801DDS18 Datasheet HTML 2Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 3Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 4Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 5Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 6Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 7Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 8Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 9Page - Dynex Semiconductor GP801DDS18 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GP801DDS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
7/10
www.dynexsemi.com
Fig. 11 3 Phase inverter operating frequency
Fig. 12 DC current rating vs case temperature
0
400
600
800
1000
1200
1400
1600
1800
200
110
50
fmax - (kHz)
Conditions:
Tj = 125˚C, Tcase = 75˚C
Rg = 2.2Ω, VCC = 800V
PWM Sine Wave
Power Factor = 0.9,
Modulation Index =1
0
200
400
600
800
1000
1200
1400
0
20
40
60
80
100
120
140
160
Case temperature, Tcase - (˚C)


Similar Part No. - GP801DDS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DDM18 DYNEX-GP801DDM18 Datasheet
142Kb / 10P
   Hi-Reliability Dual Switch Low VCESAT IGBT Module
More results

Similar Description - GP801DDS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1601FSS18 DYNEX-GP1601FSS18 Datasheet
124Kb / 9P
   Single Switch Low VCE(SAT) IGBT Module
GP401DDS18 DYNEX-GP401DDS18 Datasheet
160Kb / 11P
   Low VCE(SAT) Dual Switch IGBT Module Preliminary Information
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
   Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
   Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
   Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP201MHS18 DYNEX-GP201MHS18 Datasheet
129Kb / 10P
   Low VCE(SAT) Half Bridge IGBT Module
logo
IXYS Corporation
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
   Ultra-Low VCE(sat) IGBT
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
   Ultra-Low VCE(sat) IGBT
IXGN60N60 IXYS-IXGN60N60 Datasheet
67Kb / 2P
   Ultra-Low VCE(sat) IGBT
IXGH31N60 IXYS-IXGH31N60 Datasheet
55Kb / 2P
   Ultra-Low VCE(sat) IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com