Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-SL500PERD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-SL500PERD
Description  Colored Split Loom Tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-SL500PERD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-SL500PERD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS: in.
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Colored Split Loom Tubing
EPD-200922
Date Last Revised: 3-20-2014
561-SL250PERD, 561-SL250PEYW, 561-SL250PEGR,
561-SL375PERD, 561-SL375PEYW, 561-SL375PEGR, 561-SL500PERD, 561-SL500PEYW 561-SL500PEGR,
561-SL625PERD, 561-SL625PEYW, 561-SL625PEGR, 561-SL750PERD, 561-SL750PEYW, 561-SL750PEGR,
561-SL1000PERD, 561-SL1000PEYW, 561-SL1000PEGR
MOUSER STOCK NO.
Description
A
B
C
Package Type
561-SL250PERD
1/4" Polyethylene Red
0.266
0.395
0.120
100" Roll
561-SL250PEYW
1/4" Polyethylene Yellow
0.266
0.395
0.120
100" Roll
561-SL250PEGR
1/4" Polyethylene Green
0.266
0.395
0.120
100" Roll
561-SL375PERD
3/8" Polyethylene Red
0.419
0.535
0.128
100" Roll
561-SL375PEYW
3/8" Polyethylene Yellow
0.419
0.535
0.128
100" Roll
561-SL375PEGR
3/8" Polyethylene Green
0.419
0.535
0.128
100" Roll
561-SL500PERD
1/2" Polyethylene Red
0.505
0.670
0.143
100" Roll
561-SL500PEYW
1/2" Polyethylene Yellow
0.505
0.670
0.143
100" Roll
561-SL500PEGR
1/2" Polyethylene Green
0.505
0.670
0.143
100" Roll
561-SL625PERD
5/8" Polyethylene Red
0.650
0.825
0.145
100" Roll
561-SL625PEYW
5/8" Polyethylene Yellow
0.650
0.825
0.145
100" Roll
561-SL625PEGR
5/8" Polyethylene Green
0.650
0.825
0.145
100" Roll
561-SL750PERD
3/4" Polyethylene Red
0.761
0.927
0.144
100" Roll
561-SL750PEYW
3/4" Polyethylene Yellow
0.761
0.927
0.144
100" Roll
561-SL750PEGR
3/4" Polyethylene Green
0.761
0.927
0.144
100" Roll
561-SL1000PERD
1" Polyethylene Red
0.909
1.033
0.172
100" Roll
561-SL1000PEYW
1" Polyethylene Yellow
0.909
1.033
0.172
100" Roll
561-SL1000PEGR
1" Polyethylene Green
0.909
1.033
0.172
100' Roll
C


Similar Part No. - 561-SL500PERD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-SL500PE ETC2-561-SL500PE Datasheet
222Kb / 2P
   Split Loom Tubing
More results

Similar Description - 561-SL500PERD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-SL250PE ETC2-561-SL250PE Datasheet
222Kb / 2P
   Split Loom Tubing
logo
OEN India Limited
04-SLPE2500 OENINDIA-04-SLPE2500 Datasheet
1Mb / 2P
   Split Loom
logo
Glenair, Inc.
600-180 GLENAIR-600-180 Datasheet
178Kb / 1P
   Wire Loom Tool For Use With Split 120-144 Tubing
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
   Tubing
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
   Neon-inspired tubing
logo
Glenair, Inc.
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
logo
Tyco Electronics
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com