Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHE1E152MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHE1E152MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE1E152MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UHE1E152MHD Datasheet HTML 1Page - Nichicon corporation UHE1E152MHD Datasheet HTML 2Page - Nichicon corporation UHE1E152MHD Datasheet HTML 3Page - Nichicon corporation UHE1E152MHD Datasheet HTML 4Page - Nichicon corporation UHE1E152MHD Datasheet HTML 5Page - Nichicon corporation UHE1E152MHD Datasheet HTML 6Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Performance Characteristics
ltem
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Miniature Sized, Low Impedance,High Reliability
Low impedance and high reliability withstanding 4000 hours to 10000 hours.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 10V 1000µF)
U
1
H
2
E
3
1
4
A
5
1
6
0
7
2
8
M
9
P
10
D
11
12
Capacitance tolerance (
± 20%)
Size code
Rated capacitance (1000
µF)
Rated voltage (10V)
Configuration
Series name
Type
(mm)
φD
P
φd
10
5.0
0.6
5
2.0
0.5
12.5
5.0
16
7.5
0.6
0.8
18
7.5
0.8
6.3
2.5
0.5
0.6
8
3.5
In case L > 25 for the
φ12.5 dia. unit, lead dia. φd = 0.8mm
(L < 20) 1.5
(L
20) 2.0
Pressurerelief vent
(
φ6.3up)
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 to 18
HD
Configuration
15MIN
4MIN
φd
Sleeve (P.E.T.)
L+ MAX.
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
– 40 to +105˚C
6.3 to 100V
0.47 to 18000µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
Case size
φD <= 6.3
φD = 8 , 10
φD >= 12.5
tan
δ (MAX.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25˚C / Z+20˚C
6.3 to 10WV
4000 hours
6000 hours
8000 hours
5000 hours
7000 hours
10000 hours
Z–40˚C / Z+20˚C
16 to 100WV
Impedance ratio
ZT / Z20 (MAX.)
Rated voltage
(V)
6.3
101625355063
100
43222222
86433333
6.3
101625355063
100
The following specifications shall be met when the capacitors are restored to 20
˚C after D.C. bias plus rated ripple current is
applied at 105
˚C , the peak voltage shall not exceed the rated voltage.
Marking
Printed with white color letter on black sleeve.
Capacitance change
Within ± 25% of the initial capacitance value
tan
δ
200% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
120Hz
20˚C
120Hz
HE
HD
0.47 to 33
39 to 330
390 to 1000
1200 to 18000
0.55
0.70
0.75
0.80
50Hz
120Hz
300Hz
1kHz
0.45
0.60
0.65
0.75
0.70
0.85
0.90
0.95
0.90
0.95
0.98
1.00
10kHz or more
1.00
1.00
1.00
1.00
Cap. (µF)
Frequency
Frequency coefficient of rated ripple current
Dimension table in next page.
Long Life
• Please refer to page 20 about the end seal configuration.
CAT.8100C


Similar Part No. - UHE1E152MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1E152MHD NICHICON-UHE1E152MHD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
More results

Similar Description - UHE1E152MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com