Electronic Components Datasheet Search |
|
MA17503 Datasheet(PDF) 8 Page - Dynex Semiconductor |
|
MA17503 Datasheet(HTML) 8 Page - Dynex Semiconductor |
8 / 34 page MA17503 8/34 3.6.4 DMA Parity Error (DMAPEN) Input. A low on this input indicates a parity error has been detected during a DMA data transfer. This fault is latched into FT bit 4. 3.6.5 External Address Error (EXADEN) Input. A low on this input indicates execution of an unimplemented or reserved l/O command has been attempted (M/lON low) and sets FT bit 5, or an attempt has been made to access an unimplemented memory address (M/lON high) and sets FT bit 8. Provision for detection of these conditions has been made on the MA17503 in the form of a Bus Fault watchdog timer. If during an l/O or memory access cycle the system machine cycle completion circuitry or (EU)RDYN generation logic fails to provide the (EU)RDYN signal within the required amount of time, the Bus Fault watchdog timer will terminate the cycle by forcing IRDYN low and set the appropriate FT bit (FT5 if l/O, FT8 if memory). The minimum Bus Fault watchdog timeout period is one TCLK period, the maximum is two TCLK periods. Setting FT bits 5 or 8 causes PIFN to drop low. This aborts the MIL-5TD-1750A instruction during which the error occurred and branches execution to the machine error, level 1, interrupt service routine, if the interrupt is not masked. lf the interrupt is masked, execution continues with the next instruction. FT bit 5 and 8 are not latched during DMA or the Hold state (DMAKN or HLDAKN low). 3.6.6 Programmed l/O Transmission Error (PIOXEN) Input. A low on this input indicates a user defined error has occurred during an l/O transfer. This fault is latched into FT bit 6. 3.6.7 Fault #7 (FLT7N) lnput. This is a user definable (spare) fault input. A low on this input sets FT bit 7. 3.6.8 System Fault (SYSFN) Input. A low on this input indicates a system Built-ln Test error has occurred. This fault is latched into FT bits 13 and 15. 3.6.9 Illegal Address (ILLADN) FT bits 5 and 8 are set by a low on the EXADEN input or by the Bus Fault watchdog timer overflow. FT bits 5 and 8 are not latched, and ILLADN is held high during DMA or the Hold state (DMAKN or HLDAKN low). 3.6.10 Instruction Abort (PIFN) Output. A low on this output effects a MlL-STD-1750A instruction abort. When a SYNCLKN high-to-low transition latches FT bit 0, 5, or 8, the following SYNCLKN high-to-low transition causes PIFN to drop low and remain low for one SYNCLKN period (except during DMA and the Hold state, i.e., DMAKN or HLDAKN low). PIFN directs the MA17502 Control Unit to branch microcode execution to the interrupt vectoring routine for level 1 interrupt servicing. lf the level 1 interrupt is masked, execution will resume with the next MIL-STD1750A instruction. PIFN causes the MA17501 Execution Unit to hold DSN and (EU)AS in their inactive state during the transition from error indication to the beginning of the interrupt servicing routine. 3.7 DMA INTERFACE The DMA lnterface consists of the necessary handshake signals required to effect transfer of control from the MAS281 to a DMA controller and back again. 3.7.1 DMA Transfer Enable (DMAE) Output. When this output is raised high via execution of the lnternal I/O command DMAE, direct memory access requests will be acknowledged by the MAS281. lf DMAE is low, direct memory access requests will not be acknowledged by the MAS281. 3.7.2 DMA Transfer Request (DMARN) Input. A DMA controller pulls this input low to request control of the AD Bus and bus control signals for DMA transfers. DMARN is held low by the DMA controller for the duration of the DMA transfer, and the low-to-high transition indicates the DMA controller is finished using the AD Bus. 3.7.3 DMA Transfer Request Acknowledge (DMAKN) Output. The lnterrupt Unit responds to a low on DMARN, if DMAE is high, by dropping DMAKN low at the SYNCLKN high- to-low transition. 3.8 INTER-CHIP CONTROL The Inter-Chip Control signals are used to halt the processor (the three-chip set) during the DMA and HOLD cycles and during microcode testing. 3.8.1 Processor Pause (PAUSEN) Output. This output is low during DMA operations (DMAKN low). PAUSEN is used by the lnterrupt Unit to reset and disable the Bus Fault Timeout circuitry. PAUSEN is also used by the MA17501 Execution Unit clock generation circuitry to produce an internal disable signal. This internal disable signal holds CLKPCN and SYSCLK1N low and CLK02N high, which halts processing, and places the DSN, AS, IN/OPN, RD/WN, and M/ION output buffers, and the AD bus l/O buffers in the high impedance state, and drop DDN and CDN low to allow DMA controller access to the MMU(BPU) in shared MMU(BPU) systems. 3.8.2 Hold Acknowledge (HLDAKN) Input. HLDAKN resets and disables the Bus Fault Timeout circuitry, causes DDN and CDN to be brought low, and prevents latching of microcode commands and decoding. The Execution Unit responds to a Hold state request (execution of BPT, or a low on HOLDN) by pulling HLDAKN low. 3.8.3 Microcode Stop (MSTOPN) Input. MSTOPN allows microcode to be single-stepped during testing by GEC Plessey Semiconductors and should be pulled up to VDD in customer applications. |
Similar Part No. - MA17503 |
|
Similar Description - MA17503 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |