Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-W100BKC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-W100BKC
Description  Black Spiral Wrap
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-W100BKC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-W100BKC Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-W100BKC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Black Spiral Wrap
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200460
Date Last Revised: 11-21-06
Part
Number
561-W100BK/C
1" to 7"
1
0.07
561-W11BK/C
1" to 7"
1
0.095
561-W12BK/C
1/16" to 1/4"
0.125
0.032
561-W24BK/C
3/16" to 2"
0.25
0.035
561-W25BK/C
3/16" to 2"
0.25
0.04
561-W36BK/C
3/16" to 2"
0.375
0.04
561-W37BK/C
5/16" to 3"
0.375
0.052
561-W38BK/C
5/16" to 3"
0.375
0.062
561-W48BK/C
3/8" to 3"
0.5
0.03
561-W49BK/C
3/8" to 4"
0.5
0.04
561-W50BK/C
3/8" to 4"
0.5
0.062
561-W51BK/C
3/8" to 4"
0.5
0.072
561-W62BK/C
5/8" to 4 1/2"
0.625
0.062
561-W75BK/C
3/4" to 5"
0.75
0.065
Dimensions: in.
Bundle
Range
O. D.
Wall Thickness
Polyethylene spiral wrap is easy to install, either during production or after final
assembly. Ultra Violet UV Resistant Black Spiral Wrap is designed for outdoor use.
Black UV Resistant Spiral Wrap has all of the fine qualities of Natural Spiral Wrap
with the additional advantage of containing an ultraviolet absorber. Black UV
Resistant Spiral Wrap will withstand direct sunlight for long periods of time.
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 561-W100BKC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-W1032.375 ETC2-561-W1032.375 Datasheet
295Kb / 2P
   METAL CORE SCREWS
561-W1032.5 ETC2-561-W1032.5 Datasheet
295Kb / 2P
   METAL CORE SCREWS
561-W1032.75 ETC2-561-W1032.75 Datasheet
295Kb / 2P
   METAL CORE SCREWS
561-W10NAC ETC2-561-W10NAC Datasheet
143Kb / 2P
   Natural Spiral Wrap
More results

Similar Description - 561-W100BKC

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
   Spiral Wrap
logo
List of Unclassifed Man...
561-W10NAC ETC2-561-W10NAC Datasheet
143Kb / 2P
   Natural Spiral Wrap
501194 ETC2-501194 Datasheet
47Kb / 1P
   Wrap Bit, 30 AGW, Modified Wrap
KS10N ETC1-KS10N Datasheet
91Kb / 1P
   Spiral Wraps
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
   Spiral Chip Inductor
Revision: 14-Mar-08
logo
Richco, Inc.
SHR-05-6NB RICHCO-SHR-05-6NB Datasheet
59Kb / 1P
   SLIT HARNESS WRAP
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
   WIRE WRAP PIN
2.27.06
logo
Ultralife Corporation.
ER18505M ULTRALIFE-ER18505M Datasheet
291Kb / 2P
   A Size Spiral Cell
14 NOV 17 Rev: B
logo
NTE Electronics
SCW-01 NTE-SCW-01 Datasheet
2Mb / 2P
   Self?묬losing Polyester Wrap
logo
Tyco Electronics
60900-1 MACOM-60900-1 Datasheet
75Kb / 1P
   RECEPTACLE, TAB, WRAP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com