Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C5F256C7N Datasheet(PDF) 9 Page - Altera Corporation

Part # EP3C5F256C7N
Description  This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5F256C7N Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP3C5F256C7N Datasheet HTML 5Page - Altera Corporation EP3C5F256C7N Datasheet HTML 6Page - Altera Corporation EP3C5F256C7N Datasheet HTML 7Page - Altera Corporation EP3C5F256C7N Datasheet HTML 8Page - Altera Corporation EP3C5F256C7N Datasheet HTML 9Page - Altera Corporation EP3C5F256C7N Datasheet HTML 10Page - Altera Corporation EP3C5F256C7N Datasheet HTML 11Page - Altera Corporation EP3C5F256C7N Datasheet HTML 12Page - Altera Corporation EP3C5F256C7N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–9
Electrical Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
Internal Weak Pull-Up and Weak Pull-Down Resistor
Table 1–10 lists the weak pull-up and pull-down resistor values for Cyclone III
devices.
Hot Socketing
Table 1–11 lists the hot-socketing specifications for Cyclone III devices.
Table 1–10. Cyclone III Devices Internal Weak Pull-Up and Weak Pull-Down Resistor (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R_PU
Value of I/O pin pull-up resistor before
and during configuration, as well as
user mode if the programmable
pull-up resistor option is enabled
VCCIO = 3.3 V ± 5% (2), (3)
725
41
k
VCCIO = 3.0 V ± 5% (2), (3)
728
47
k
VCCIO = 2.5 V ± 5% (2), (3)
835
61
k
VCCIO = 1.8 V ± 5% (2), (3)
10
57
108
k
VCCIO = 1.5 V ± 5% (2), (3)
13
82
163
k
VCCIO = 1.2 V ± 5% (2), (3)
19
143
351
k
R_PD
Value of I/O pin pull-down resistor
before and during configuration
VCCIO = 3.3 V ± 5% (4)
619
30
k
VCCIO = 3.0 V ± 5% (4)
622
36
k
VCCIO = 2.5 V ± 5% (4)
625
43
k
VCCIO = 1.8 V ± 5% (4)
735
71
k
VCCIO = 1.5 V ± 5% (4)
850
112
k
Notes to Table 1–10:
(1) All I/O pins have an option to enable weak pull-up except configuration, test, and JTAG pin. Weak pull-down feature is only available for JTAG
TCK.
(2) Pin pull-up resistance values may be lower if an external source drives the pin higher than VCCIO.
(3) R_PU = (VCCIO –VI)/IR_PU
Minimum condition: –40°C; VCCIO = VCC + 5%, VI = VCC + 5% – 50 mV;
Typical condition: 25°C; VCCIO = VCC, VI = 0 V;
Maximum condition: 125°C; VCCIO = VCC – 5%, VI = 0 V; in which VI refers to the input voltage at the I/O pin.
(4) R_PD = VI/IR_PD
Minimum condition: –40°C; VCCIO = VCC + 5%, VI = 50 mV;
Typical condition: 25°C; VCCIO = VCC, VI = VCC –5%;
Maximum condition: 125°C; VCCIO = VCC – 5%, VI = VCC – 5%; in which VI refers to the input voltage at the I/O pin.
Table 1–11. Cyclone III Devices Hot-Socketing Specifications
Symbol
Parameter
Maximum
IIOPIN(DC)
DC current per I/O pin
300
A
IIOPIN(AC)
AC current per I/O pin
8 mA (1)
Note to Table 1–11:
(1) The I/O ramp rate is 10 ns or more. For ramp rates faster than 10 ns, |IIOPIN| = C
dv/dt, in which C is I/O pin capacitance and dv/dt is the slew rate.


Similar Part No. - EP3C5F256C7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5F256C8 ALTERA-EP3C5F256C8 Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
More results

Similar Description - EP3C5F256C7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C80F780C8N ALTERA-EP3C80F780C8N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F780C7 ALTERA-EP3C80F780C7 Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C16E144C7N ALTERA-EP3C16E144C7N Datasheet
848Kb / 34P
   This chapter describes the electric characteristics, switching characteristics, and I/O timing for Cyclone짰 III devices. A glossary is also included for your reference.
EP3C80F484C8N ALTERA-EP3C80F484C8N Datasheet
836Kb / 34P
   This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
EP4SGX360KF40C3N ALTERA-EP4SGX360KF40C3N Datasheet
1Mb / 82P
   This chapter covers the electrical and switching characteristics for Stratix IV devices
logo
STMicroelectronics
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
   This application note describes the characteristics and performance
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
   This application note describes the characteristics and the features
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
   This application note describes the characteristics and the features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com