Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561-W49NAC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-W49NAC
Description  Natural Spiral Wrap
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-W49NAC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-W49NAC Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-W49NAC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Natural Spiral Wrap
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200458
Date Last Revised: 10-30-06
Part
Number
561-W10NA/C
1" to 7"
1
0.07
561-W11NA/C
1" to 7"
1
0.095
561-W12NA/C
1/16" to 1/4"
0.125
0.032
561-W24NA/C
3/16" to 2"
0.25
0.035
561-W25NA/C
3/16" to 2"
0.25
0.04
561-W36NA/C
3/16" to 2"
0.375
0.04
561-W37NA/C
5/16" to 3"
0.375
0.052
561-W38NA/C
5/16" to 3"
0.375
0.062
561-W48NA/C
3/8" to 3"
0.5
0.03
561-W49NA/C
3/8" to 4"
0.5
0.04
561-W50NA/C
3/8" to 4"
0.5
0.062
561-W51NA/C
3/8" to 4"
0.5
0.072
561-W62NA/C
5/8" to 4 1/2"
0.625
0.062
561-W75NA/C
3/4" to 5"
0.75
0.065
Dimensions: in.
Bundle
Range
O. D.
Wall Thickness
Spiral Wrap is an ideal covering used to bundle and protect tubing, wires, and other
types of conductors. Spiral wrap can be used on virtually any item with a diameter of
1/16" to 7". Polyethylene Natural Spiral Wrap is a lightweight low cost material that is
good for general indoor applications. Polyethylene is not affected by ordinary sol-
vents and is resistant to abrasion.
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 561-W49NAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-W49BKC ETC2-561-W49BKC Datasheet
144Kb / 2P
   Black Spiral Wrap
More results

Similar Description - 561-W49NAC

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
04-SWP1259C OENINDIA-04-SWP1259C Datasheet
55Kb / 1P
   Spiral Wrap
logo
List of Unclassifed Man...
561-W100BKC ETC2-561-W100BKC Datasheet
144Kb / 2P
   Black Spiral Wrap
501194 ETC2-501194 Datasheet
47Kb / 1P
   Wrap Bit, 30 AGW, Modified Wrap
KS10N ETC1-KS10N Datasheet
91Kb / 1P
   Spiral Wraps
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
   Spiral Chip Inductor
Revision: 14-Mar-08
logo
Richco, Inc.
SHR-05-6NB RICHCO-SHR-05-6NB Datasheet
59Kb / 1P
   SLIT HARNESS WRAP
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
   WIRE WRAP PIN
2.27.06
logo
Ultralife Corporation.
ER18505M ULTRALIFE-ER18505M Datasheet
291Kb / 2P
   A Size Spiral Cell
14 NOV 17 Rev: B
logo
NTE Electronics
SCW-01 NTE-SCW-01 Datasheet
2Mb / 2P
   Self?묬losing Polyester Wrap
logo
Tyco Electronics
60900-1 MACOM-60900-1 Datasheet
75Kb / 1P
   RECEPTACLE, TAB, WRAP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com