Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5338 Datasheet(PDF) 5 Page - NEC

Part # 2SC5338
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5338 Datasheet(HTML) 5 Page - NEC

  2SC5338 Datasheet HTML 1Page - NEC 2SC5338 Datasheet HTML 2Page - NEC 2SC5338 Datasheet HTML 3Page - NEC 2SC5338 Datasheet HTML 4Page - NEC 2SC5338 Datasheet HTML 5Page - NEC 2SC5338 Datasheet HTML 6Page - NEC 2SC5338 Datasheet HTML 7Page - NEC 2SC5338 Datasheet HTML 8Page - NEC 2SC5338 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
2SC5338
S-PARAMETER
VCE = 5 V, IC = 50 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.642
− 61.5
19.689
138.5
.026
64.9
.603
− 39.7
200
.521
− 103.0
13.393
116.8
.045
53.1
.461
− 62.1
300
.464
− 123.8
9.708
106.3
.053
57.8
.359
− 72.8
400
.428
− 137.2
7.480
99.5
.059
62.1
.304
− 75.7
500
.408
− 147.7
6.078
94.5
.072
63.7
.289
− 79.4
600
.390
− 154.3
5.104
91.3
.080
65.9
.275
− 83.2
700
.374
− 161.1
4.394
88.6
.088
66.2
.277
− 82.8
800
.360
− 163.9
3.880
86.2
.097
68.9
.261
− 85.0
900
.348
− 168.0
3.527
84.5
.110
72.1
.271
− 81.6
1000
.351
− 175.1
3.224
83.3
.119
72.0
.268
− 79.9
1100
.329
179.8
3.078
81.8
.125
76.4
.276
− 75.5
1200
.328
− 179.9
3.111
78.9
.144
73.7
.321
− 75.3
1300
.319
171.9
2.914
69.6
.157
77.8
.320
− 82.4
1400
.297
168.9
2.501
66.2
.166
75.7
.291
− 83.6
1500
.307
165.2
2.285
65.3
.182
77.7
.325
− 83.4
1600
.308
159.6
2.115
63.9
.192
77.7
.305
− 82.7
1700
.303
156.6
1.993
62.9
.201
77.4
.313
− 81.7
1800
.309
154.1
1.880
62.0
.219
75.5
.327
− 83.5
1900
.312
150.3
1.786
60.8
.222
74.9
.321
− 86.3
2000
.315
148.4
1.704
59.9
.242
75.9
.341
− 91.2


Similar Part No. - 2SC5338

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338-A RENESAS-2SC5338-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC5338-T1 RENESAS-2SC5338-T1 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338_15 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results

Similar Description - 2SC5338

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
NEC
NE461M02 NEC-NE461M02 Datasheet
45Kb / 5P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com