Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INT028ATFT-TS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # INT028ATFT-TS
Description  LCD Module Product Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT028ATFT-TS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button INT028ATFT-TS Datasheet HTML 6Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 7Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 8Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 9Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 10Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 11Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 12Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 13Page - List of Unclassifed Manufacturers INT028ATFT-TS Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Displaytech Ltd
LCD MODULE
INT028ATFT / INT028ATFT-TS
Version: 1.0
9
10.Backlight specification
(Vcc=3.3V, Vss=0V, Ta=25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Note
Supply voltage
Vf
If=80mA
2.9
3.2
3.5
V
1
Forward current
If
---
---
80
mA
2
Uniformity
ΔBp
If=80mA
80
---
---
%
Color coordination
X
0.270
---
0.315
---
Y
0.270
---
0.315
---
LED circuit diagram:
Constant current If=4x20mA=80mA; Vf=3.2V(typ)
Note:
1) As there has built-in PWM control for the backlight, so the backlight driving specification is only applicable
for direct driving.
2) The LED’s driver mode needs to be constant current mode.
3) Permanent damage to the device may occur if maximum values are exceeded. Functional operation should be
restricted to the conditions described under normal operating conditions.
11.Optical Characteristics
(Vcc=3.3V, Vss=0V, Ta=25°C)
Item
Symbol
Condition
Min
Typ
Max
Unit
Note
Brightness
Bp
θ=0º
Ф=0º
180
220
---
cd/m²
1
Uniformity
ΔBp
80
---
---
%
1, 2
Viewing Angle
θ1
(Ф=90°
or 270°)
Cr≥10
-70 ~ 50
deg
3
θ2
(Ф=0°
or
180°)
-70 ~ 70
Contrast ratio
Cr
θ=0º
Ф=0º
400
500
---
---
4
Response Time
Tr
---
25
30
ms
5
Tf
White
x
θ=0º
Ф=0º
0.230
0.280
0.330
---
1, 6
y
0.248
0.298
0.348
Red
x
0.580
0.630
0.680
y
0.279
0.329
0.379
Green
x
0.288
0.338
0.388
y
0.557
0.607
0.657
Blue
x
0.093
0.143
0.193
y
0.025
0.075
0.125
NTSC Ratio
S
---
65
---
---


Similar Part No. - INT028ATFT-TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT022ATFT ETC2-INT022ATFT Datasheet
807Kb / 13P
   LCD Module Product Specification
INT024BTFT ETC2-INT024BTFT Datasheet
983Kb / 14P
   LCD Module Product Specification
INT024BTFT-TS ETC2-INT024BTFT-TS Datasheet
983Kb / 14P
   LCD Module Product Specification
More results

Similar Description - INT028ATFT-TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT043BTFT ETC2-DT043BTFT Datasheet
948Kb / 13P
   LCD Module Product Specification
INT024BTFT ETC2-INT024BTFT Datasheet
983Kb / 14P
   LCD Module Product Specification
DT028ATFT ETC2-DT028ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
DT035TFT ETC2-DT035TFT Datasheet
947Kb / 13P
   LCD Module Product Specification
DT022BTFT ETC2-DT022BTFT Datasheet
1Mb / 13P
   LCD Module Product Specification
INT057ATFT ETC2-INT057ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
128240D-RGB ETC2-128240D-RGB Datasheet
1Mb / 22P
   LCD Module Product Specification
DT018ATFT ETC2-DT018ATFT Datasheet
945Kb / 13P
   LCD Module Product Specification
INT018ATFT ETC2-INT018ATFT Datasheet
795Kb / 13P
   LCD Module Product Specification
INT022ATFT ETC2-INT022ATFT Datasheet
807Kb / 13P
   LCD Module Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com