Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K30 Datasheet(PDF) 10 Page - Altera Corporation

Part # EPF10K30
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K30 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPF10K30 Datasheet HTML 6Page - Altera Corporation EPF10K30 Datasheet HTML 7Page - Altera Corporation EPF10K30 Datasheet HTML 8Page - Altera Corporation EPF10K30 Datasheet HTML 9Page - Altera Corporation EPF10K30 Datasheet HTML 10Page - Altera Corporation EPF10K30 Datasheet HTML 11Page - Altera Corporation EPF10K30 Datasheet HTML 12Page - Altera Corporation EPF10K30 Datasheet HTML 13Page - Altera Corporation EPF10K30 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
10
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Logic functions are implemented by programming the EAB with a read-
only pattern during configuration, creating a large LUT. With LUTs,
combinatorial functions are implemented by looking up the results, rather
than by computing them. This implementation of combinatorial functions
can be faster than using algorithms implemented in general logic, a
performance advantage that is further enhanced by the fast access times
of EABs. The large capacity of EABs enables designers to implement
complex functions in one logic level without the routing delays associated
with linked LEs or field-programmable gate array (FPGA) RAM blocks.
For example, a single EAB can implement a 4
× 4 multiplier with eight
inputs and eight outputs. Parameterized functions such as LPM functions
can automatically take advantage of the EAB.
The EAB provides advantages over FPGAs, which implement on-board
RAM as arrays of small, distributed RAM blocks. These FPGA RAM
blocks contain delays that are less predictable as the size of the RAM
increases. In addition, FPGA RAM blocks are prone to routing problems
because small blocks of RAM must be connected together to make larger
blocks. In contrast, EABs can be used to implement large, dedicated blocks
of RAM that eliminate these timing and routing concerns.
EABs can be used to implement synchronous RAM, which is easier to use
than asynchronous RAM. A circuit using asynchronous RAM must
generate the RAM write enable (WE) signal, while ensuring that its data
and address signals meet setup and hold time specifications relative to the
WE
signal. In contrast, the EAB’s synchronous RAM generates its own WE
signal and is self-timed with respect to the global clock. A circuit using the
EAB’s self-timed RAM need only meet the setup and hold time
specifications of the global clock.
When used as RAM, each EAB can be configured in any of the following
sizes: 256
× 8, 512 × 4, 1,024 × 2, or 2,048 × 1. See Figure 2.
Figure 2. EAB Memory Configurations
256
× 8
512
× 4
1,024
× 2
2,048
× 1


Similar Part No. - EPF10K30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K30 ALTERA-EPF10K30 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30 ALTERA-EPF10K30 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30 ALTERA-EPF10K30 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K30 ALTERA-EPF10K30 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30 ALTERA-EPF10K30 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com