Electronic Components Datasheet Search |
|
EPM7192E Datasheet(PDF) 2 Page - Altera Corporation |
|
EPM7192E Datasheet(HTML) 2 Page - Altera Corporation |
2 / 66 page 2 Altera Corporation MAX 7000 Programmable Logic Device Family Data Sheet ...and More Features ■ Open-drain output option in MAX 7000S devices ■ Programmable macrocell flipflops with individual clear, preset, clock, and clock enable controls ■ Programmable power-saving mode for a reduction of over 50% in each macrocell ■ Configurable expander product-term distribution, allowing up to 32 product terms per macrocell ■ 44 to 208 pins available in plastic J-lead chip carrier (PLCC), ceramic pin-grid array (PGA), plastic quad flat pack (PQFP), power quad flat pack (RQFP), and 1.0-mm thin quad flat pack (TQFP) packages ■ Programmable security bit for protection of proprietary designs ■ 3.3-V or 5.0-V operation –MultiVoltTM I/O interface operation, allowing devices to interface with 3.3-V or 5.0-V devices (MultiVolt I/O operation is not available in 44-pin packages) – Pin compatible with low-voltage MAX 7000A and MAX 7000B devices ■ Enhanced features available in MAX 7000E and MAX 7000S devices – Six pin- or logic-driven output enable signals – Two global clock signals with optional inversion – Enhanced interconnect resources for improved routability – Fast input setup times provided by a dedicated path from I/O pin to macrocell registers – Programmable output slew-rate control ■ Software design support and automatic place-and-route provided by Altera’s development system for Windows-based PCs and Sun SPARCstation, and HP 9000 Series 700/800 workstations Table 2. MAX 7000S Device Features Feature EPM7032S EPM7064S EPM7128S EPM7160S EPM7192S EPM7256S Usable gates 600 1,250 2,500 3,200 3,750 5,000 Macrocells 32 64 128 160 192 256 Logic array blocks 24 8 10 12 16 Maximum user I/O pins 36 68 100 104 124 164 tPD (ns) 5 5 6 6 7.5 7.5 tSU (ns) 2.9 2.9 3.4 3.4 4.1 3.9 tFSU (ns) 2.5 2.5 2.5 2.5 3 3 tCO1 (ns) 3.2 3.2 4 3.9 4.7 4.7 fCNT (MHz) 175.4 175.4 147.1 149.3 125.0 128.2 |
Similar Part No. - EPM7192E |
|
Similar Description - EPM7192E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |