Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS133 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IQS133
Description  IQ Switch - ProxSense Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS133 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IQS133 Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS133 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2012.
IQS133/133Z Datasheet
Page 2 of 23
All Rights Reserved.
Revision 1.6
October 2012
Functional Overview
1 Introduction
The IQS133 is a three channel capacitive
proximity and touch sensor featuring internal
voltage regular and reference capacitor (Cs).
The device has three dedicated input pins for
the connection of the sense electrodes (Cx).
Three output pins for Touch (for each channel)
detection and one output (POUT) for proximity
detection. The output pins can be configured
as Logic outputs or in a serial data streaming
option on TO0.
The device automatically tracks slow varying
environmental changes via various filters,
detect noise and has an Automatic Tuning
Implementation (ATI) to tune the device for
optimal sensitivity.
1.1 Pin-outs
1. GND
2. CX0
3. CX1
4. VDDHI
5. VREG
10. TO2
9. CX2
8. TO1
7. TO0/DATA
6. PO/RFIN
Figure 1.1
IQS133 Pin-outs
Table 1.1
IQS133 Pin-outs.
Pin
Standalone
Streaming
Function
1
GND
GND
Ground
2
CX0
CX0
Sense
Electrode
3
CX1
CX1
Sense
Electrode
4
VDDHI
VDDHI
Power
Input
5
VREG
VREG
Regulator
Pin
6
PO
Proximity
Output
7
TO0
DATA
Touch
Output
8
TO1
Touch
Output
9
CX2
CX2
Sense
Electrode
10
TO2
Touch
Output
1.2 Applicability
All specifications, except where specifically
mentioned
otherwise,
provided
by
this
datasheet are applicable to the following
ranges:
Temperature -40C to +85C
Supply voltage (VDDHI) 3V to 5.5V
2 Analogue Functionality
The
analogue
circuitry
measures
the
capacitance of the sense electrodes attached
to the Cx pins through a charge transfer
process that is periodically initiated by the
digital circuitry. The measuring process is
referred to as a conversion and consists of the
discharging of Cs and Cx, the charging of Cx
and then a series of charge transfers from Cx


Similar Part No. - IQS133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS132 ETC2-IQS132 Datasheet
1Mb / 7P
   IQ Switch - ProxSenseTM Series
More results

Similar Description - IQS133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS316EV01 ETC2-IQS316EV01 Datasheet
4Mb / 9P
   IQ Switch - ProxSense Series
IQS316EV02 ETC2-IQS316EV02 Datasheet
2Mb / 10P
   IQ Switch - ProxSense Series
IQS156 ETC2-IQS156 Datasheet
504Kb / 25P
   IQ Switch - ProxSense Series
IQS127 ETC2-IQS127 Datasheet
518Kb / 8P
   IQ Switch - ProxSenseTM Series
IQS132 ETC2-IQS132 Datasheet
1Mb / 7P
   IQ Switch - ProxSenseTM Series
logo
STMicroelectronics
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
logo
List of Unclassifed Man...
TPS43 ETC2-TPS43 Datasheet
418Kb / 11P
   ProxSense® Standard Trackpad Module Datasheet
September 2016
logo
Monolithic Power System...
MP5095 MPS-MP5095 Datasheet
686Kb / 14P
   Low IQ, Dual-Channel, 2.3A Load Switch
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
   Low IQ, Dual-Channel, 3A/2A Load Switch
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com