Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZE14A331 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERZE14A331
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZE14A331 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERZE14A331 Datasheet HTML 1Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 2Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 3Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 4Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 5Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 6Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 7Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 8Page - Panasonic Semiconductor ERZE14A331 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
Reference Guide to Standard Products
Part No.
Applicable
Standards
Varistor
Voltage
at 1 mA
Maximum
Allowable
Voltage
Clamping
Voltage
at 8/20μs
Maximum
Peak Current
at 8/20μs(A)
Recommended Applications
Type
Name
Approvals
(V)
ACrms (V) DC (V) max.(V) Ip (A) 1 time 2 times
ERZE05A471
E471
○☆◇
470
(423 to 517)
300
385
775
10
1200
600
AC 100 V to 220 V, Line–Line
and
Line–Ground Applications
ERZE07A471
E7471
○☆◇
775
25
2500
1250
ERZE08A471
E8471 ○●☆★◇◆
775
25
3500
2500
ERZE10A471
E10471 ○●☆★◇◆
775
50
4500
3000
ERZE11A471
E11471 ○◎☆★◇◆
775
50
6000
4500
ERZE14A471
E14471 ○◎☆★◇◆
775
100
10000
6500
ERZE07A511
E7511
○☆◇
510
(459 to 561)
320
410
845
25
2500
1250
AC 100 V to 240 V, Line–Line
and
Line–Ground Applications
ERZE08A511
E8511 ○●☆★◇◆
845
25
3500
2500
ERZE10A511
E10511 ○●☆★◇◆
845
50
4500
3000
ERZE11A511
E11511 ○◎☆★◇◆
845
50
6000
4500
ERZE14A511
E14511 ○◎☆★◇◆
845
100
10000
6500
ERZE07A561
E7561
○☆◇
560
(504 to 616)
350
450
930
25
2500
1250
ERZE08A561
E8561 ○●☆★◇◆
930
25
3500
2500
ERZE10A561
E10561 ○●☆★◇◆
930
50
4500
3000
ERZE11A561
E11561 ○◎☆★◇◆
930
50
6000
4500
ERZE14A561
E14561 ○◎☆★◇◆
930
100
10000
6500
ERZE07A621
E7621
○☆◇
620
(558 to 682)
385
505
1025
25
2500
1250
ERZE08A621
E8621 ○●☆★◇◆
1025
25
3500
2500
ERZE10A621
E10621 ○●☆★◇◆
1025
50
4500
3000
ERZE11A621
E11621 ○◎☆★◇◆
1025
50
5000
4500
ERZE14A621
E14621 ○◎☆★◇◆
1025
100
7500
6500
ERZE08A681
E8681 ○●☆★◇◆
680
(612 to 748)
420
560
1120
25
3500
2500
ERZE10A681
E10681 ○●☆★◇◆
1120
50
4500
3000
ERZE11A681
E11681 ○◎☆★◇◆
1120
50
5000
4500
ERZE14A681
E14681 ○◎☆★◇◆
1120
100
7500
6500
ERZE08A751
E8751 ○●☆★◇◆
750
(675 to 825)
460
615
1240
25
3500
2500
AC 380 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZE10A751
E10751 ○●☆★◇◆
1240
50
4500
3000
ERZE11A751
E11751 ○◎☆★◇◆
1240
50
5000
4500
ERZE14A751
E14751 ○◎☆★◇◆
1240
100
7500
6500
ERZE10A821
E10821 ○●☆★◇◆
820
(738 to 902)
510
670
1355
50
4500
3000
ERZE11A821
E11821 ○◎☆★◇◆
1355
50
5000
4500
ERZE14A821
E14821 ○◎☆★◇◆
1355
100
7500
6500
ERZE10A911
E10911 ○●☆★◇◆
910
(819 to 1001)
550
745
1500
50
4500
3000
AC 415 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZE11A911
E11911 ○◎☆★◇◆
1500
50
5000
4500
ERZE14A911
E14911 ○◎☆★◇◆
1500
100
7500
6500
ERZE10A102
E10102 ○●☆★◇◆
1000
(900 to 1100)
625
825
1650
50
4500
3000
AC 480 V, Line–Line and
Line–Ground Applications
(For DC 500 V Insulating Test)
ERZE11A102
E11102 ○◎☆★◇◆
1650
50
5000
4500
ERZE14A102
E14102 ○◎☆★◇◆
1650
100
7500
6500
ERZE10A112
E10112 ○●☆★◇◆
1100
(990 to 1210)
680
895
1815
50
4500
3000
ERZE11A112
E11112 ○◎☆★◇◆
1815
50
5000
4500
ERZE14A112
E14112 ○◎☆★◇◆
1815
100
7500
6500
○ : UL1449 (VZCA2/UL, VZCA8/C-UL), ● : UL1449 Type3 (or Code-Connected and Direct plug-in),
◎ : UL1449 Type2 (or Permanently Connected), ☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Annex.Q)
◇ : CQC (GB/T10193, GB/T10194), ◆ : CQC (GB4943.1, GB8898)
※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.
Dec. 2013
07
3


Similar Part No. - ERZE14A331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-CF2MK271 PANASONIC-ERZ-CF2MK271 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
logo
International Rectifier
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
355Kb / 16P
   High Power Factor/Low THD
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ERZE14A331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com