Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA9264 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MA9264
Description  Radiation Hard 8192x8 Bit Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA9264 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MA9264 Datasheet HTML 1Page - Dynex Semiconductor MA9264 Datasheet HTML 2Page - Dynex Semiconductor MA9264 Datasheet HTML 3Page - Dynex Semiconductor MA9264 Datasheet HTML 4Page - Dynex Semiconductor MA9264 Datasheet HTML 5Page - Dynex Semiconductor MA9264 Datasheet HTML 6Page - Dynex Semiconductor MA9264 Datasheet HTML 7Page - Dynex Semiconductor MA9264 Datasheet HTML 8Page - Dynex Semiconductor MA9264 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MA9264
4/15
AC CHARACTERISTICS
Conditions of Test for Tables 5 and 6:
1. Input pulse = V
SS to 3.0V (TTL) and VSS to 4.0V (CMOS).
2. Times measurement reference level = 1.5V.
3. Input Rise and Fall times
≤5ns.
4. Output load 1TTL gate and CL = 60pF.
5. Transition is measured at
±500mV from steady state.
6. This parameter is sampled and not 100% tested.
Notes for Tables 6 and 7:
Characteristics apply to pre-radiation at T
A = -55°C to +125°C with VDD = 5V±10% and to post 100k Rad(Si) total dose radiation
at T
A = 25°C with VDD = 5V ±10%. GROUP A SUBGROUPS 9, 10, 11.
MAX9264X70
MAX9264X95
Symbol
Parameter
Min
Max
Min
Max
Units
T
AVAVR
Read Cycle Time
70
-
95
-
ns
T
AVQV
Address Access Time
-
65
-
90
ns
T
EHQV
Chip Select Access Time
-
70
-
95
ns
T
SLQV
Chip Enable Access Time
-
70
-
95
ns
T
EHQX (5,6)
Chip Selection to Output in Low Z
15
-
15
-
ns
T
SLQX (5,6)
Chip Enable to Output in Low Z
15
-
15
-
ns
T
ELQZ (5,6)
Chip Deselection to Output in High Z
0
20
0
20
ns
T
SHQZ (5,6)
Chip Disable to Output in High Z
0
20
0
20
ns
T
AXQX
Output Hold from Address Change
30
-
40
-
ns
T
GLQV
Output Enable Access Time
-
25
-
30
ns
T
GLQX (5,6)
Output Enable to Output in Low Z
15
-
15
-
ns
T
GHQZ (5,6)
Output Enable to Output in High Z
0
20
0
20
ns
Figure 6: Read Cycle AC Electrical Characteristics
MAX9264X70
MAX9264X95
Symbol
Parameter
Min
Max
Min
Max
Units
T
AVAVW
Write Cycle Tlme
55
-
60
-
ns
T
EHWH
Chip Selection to End of Write
50
-
60
-
ns
T
SLWH
Chip Enable to End of Write
50
-
60
-
ns
T
AVWH
Address Valid to End of Write
50
-
55
-
ns
T
AVWL
Address Set Up Time
0
-
0
-
ns
T
WLWH
Write Pulse Width
40
-
45
-
ns
T
WHAV
Write Recovery Time
0
-
0
-
ns
T
WLQZ (5,6)
Wnte to Output in High Z
0
20
0
20
ns
T
DVWH
Data to Write Time Overlap
25
-
30
-
ns
T
WHDX
Data Hold from Write
0
-
0
-
ns
T
WHQX (5,6)
Output Active from End to Write
0
20
0
20
ns
Figure 7: Write Cycle AC Electrical Characteristics


Similar Part No. - MA9264

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
MA92 SIPOWER-MA92 Datasheet
293Kb / 2P
   PNP Transistor
More results

Similar Description - MA9264

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
   RADIATION HARD 4096 x 1 BIT STATIC RAM
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
Epson Company
SRM2A256LLMX EPSON-SRM2A256LLMX Datasheet
384Kb / 7P
   256K-Bit Static RAM
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
   1M-Bit Static RAM
logo
Dynex Semiconductor
54HSC DYNEX-54HSC Datasheet
92Kb / 10P
   Radiation hard 16-Bit ParallelError Detection & Correction
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Panasonic Semiconductor
MN1203 PANASONIC-MN1203 Datasheet
229Kb / 4P
   256-bit CMOS static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com