Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS110S Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MAS110S
Description  Fast Turn-off Asymmetric Thyristor/Diode Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS110S Datasheet(HTML) 2 Page - Dynex Semiconductor

  MAS110S Datasheet HTML 1Page - Dynex Semiconductor MAS110S Datasheet HTML 2Page - Dynex Semiconductor MAS110S Datasheet HTML 3Page - Dynex Semiconductor MAS110S Datasheet HTML 4Page - Dynex Semiconductor MAS110S Datasheet HTML 5Page - Dynex Semiconductor MAS110S Datasheet HTML 6Page - Dynex Semiconductor MAS110S Datasheet HTML 7Page - Dynex Semiconductor MAS110S Datasheet HTML 8Page - Dynex Semiconductor MAS110S Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MAS110S
2/9
THYRISTOR SURGE RATINGS
Conditions
10ms half sine; T
case = 125
oC
V
R = 0% VDRM
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
20.0 x 103
A2s
2.0
kA
THYRISTOR DYNAMIC CHARACTERISTICS
V
TM
Parameter
Symbol
Conditions
Maximum on-state voltage
At 600A peak, T
case = 25
oC
I
DRM
Peak off-state current
At V
DRM, Tcase = 125
oC
dV/dt
Maximum linear rate of rise of off-state voltage
To 60% V
DRM Tj = 125
oC, Gate open circuit
Min.
Max.
Units
-
2.9
V
-70
mA
-
1000
V/
µs
Repetitive 50Hz
-
500
A/
µs
Rate of rise of on-state current
dI/dt
From 67% V
DRM to 600A,
Gate source 20V, 20
t
r = < 0.5µs, Tj = 125˚C
V
T(TO)
Threshold voltage
At T
vj = 125
oC
r
T
On-state slope resistance
At T
vj = 125
oC
1.6
-V
-
1.4
m
Turn-off time
t
q
µs
10
-
µs
12
-
µs
15
-
I
T = 100A, Tj = 125˚C,
dI
R/dt = 30A/µs, VGK = 0V
dV/dt = 20V/
µs to 60%
V
DRM, VR = 1V.
t
q code: W
t
q code: S
t
q code: X


Similar Part No. - MAS110S

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
   IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1175A1SN06 MAS-MAS1175A1SN06 Datasheet
123Kb / 9P
   IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1175ASM1-T MAS-MAS1175ASM1-T Datasheet
123Kb / 9P
   IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1175ATB1 MAS-MAS1175ATB1 Datasheet
123Kb / 9P
   IC FOR 10.00 - 20.00 MHz VCTCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
   IC FOR 10.00 - 20.00 MHz VCXO
More results

Similar Description - MAS110S

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
   Fast Turn-off Asymmetric Thyristor
logo
List of Unclassifed Man...
ACR25U04LG ETC-ACR25U04LG Datasheet
356Kb / 8P
   Fast turn-off asymmetric thyristor
logo
Dynex Semiconductor
ACR400SE DYNEX-ACR400SE Datasheet
37Kb / 5P
   Fast Turn-off Asymmetric Thyristor
logo
ABB
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
   Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
   Asymmetric Gate turn-off Thyristor
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
   Asymmetric Gate turn-off Thyristor
5SGA30J4502 ABB-5SGA30J4502 Datasheet
365Kb / 9P
   Asymmetric Gate turn-off Thyristor
5SGA30J4505 ABB-5SGA30J4505 Datasheet
238Kb / 10P
   Asymmetric Gate turn-off Thyristor
5SGF40L4502 ABB-5SGF40L4502 Datasheet
344Kb / 9P
   Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com