Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR553P Datasheet(PDF) 3 Page - Rohm

Part # 2SAR553P
Description  PNP -2.0A -50V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR553P Datasheet(HTML) 3 Page - Rohm

  2SAR553P Datasheet HTML 1Page - Rohm 2SAR553P Datasheet HTML 2Page - Rohm 2SAR553P Datasheet HTML 3Page - Rohm 2SAR553P Datasheet HTML 4Page - Rohm 2SAR553P Datasheet HTML 5Page - Rohm 2SAR553P Datasheet HTML 6Page - Rohm 2SAR553P Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR553P
lElectrical characteristic curves
(Ta = 25°C)
-1
-10
-100
-1000
-10000
-1.5
-1
-0.5
0
VCE= -2V
Ta=125ºC
75ºC
25ºC
-
40ºC
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-2
-1.5
-1
-0.5
0
-
1.0mA
-
1.5mA
-
2.0mA
-
3.0mA
-
4.0mA
-
5.0mA
-
2.5mA
I
B= -0.5mA
10
100
1000
-1
-10
-100
-1000
-10000
VCE= -2V
Ta=125ºC
75ºC
25ºC
-
40ºC
10
100
1000
-1
-10
-100
-1000
-10000
Ta=25ºC
VCE= -5V
-
2V
Fig.2 Typical Output Characteristics
Fig.1 Ground Emitter Propagation Characteristics
BASE TO EMITTER VOLTAGE : VBE [V]
COLECTOR TO EMITTE VOLTAGE : VCE [V]
Fig.3 DC Current Gain vs. Collector Current(I)
COLLECTOR CURRENT : IC [mA]
Fig.4 DC current gain vs. output current (II)
COLLECTOR CURRENT : IC [mA]
3/6
2013.04 - Rev.B


Similar Part No. - 2SAR553P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR553P ROHM-2SAR553P Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
2SAR553P5 ROHM-2SAR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (-50V / -2A)
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-50V / -2A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
More results

Similar Description - 2SAR553P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
   PNP -2.0A -50V Middle Power Transistor
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
   NPN 2.0A 50V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
   PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
   PNP -2.0A -30V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR563F3 ROHM-2SAR563F3 Datasheet
1Mb / 9P
   PNP -6A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com