Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR553P Datasheet(PDF) 7 Page - Rohm

Part # 2SAR553P
Description  PNP -2.0A -50V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR553P Datasheet(HTML) 7 Page - Rohm

  2SAR553P Datasheet HTML 1Page - Rohm 2SAR553P Datasheet HTML 2Page - Rohm 2SAR553P Datasheet HTML 3Page - Rohm 2SAR553P Datasheet HTML 4Page - Rohm 2SAR553P Datasheet HTML 5Page - Rohm 2SAR553P Datasheet HTML 6Page - Rohm 2SAR553P Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
R1102
A
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
The information contained herein is subject to change without notice.
Before you use our Products, please contact our sales representative and verify the latest specifica-
tions :
Although ROHM is continuously working to improve product reliability and quality, semicon-
ductors can break down and malfunction due to various factors.
Therefore, in order to prevent personal injury or fire arising from failure, please take safety
measures such as complying with the derating characteristics, implementing redundant and
fire prevention designs, and utilizing backups and fail-safe procedures. ROHM shall have no
responsibility for any damages arising out of the use of our Poducts beyond the rating specified by
ROHM.
Examples of application circuits, circuit constants and any other information contained herein are
provided only to illustrate the standard usage and operations of the Products. The peripheral
conditions must be taken into account when designing circuits for mass production.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly,
any license to use or exercise intellectual property or other rights held by ROHM or any other
parties. ROHM shall have no responsibility whatsoever for any dispute arising out of the use of
such technical information.
The Products are intended for use in general electronic equipment (i.e. AV/OA devices, communi-
cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in
this document.
The Products specified in this document are not designed to be radiation tolerant.
For use of our Products in applications requiring a high degree of reliability (as exemplified
below), please contact and consult with a ROHM representative : transportation equipment (i.e.
cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety
equipment, medical systems, servers, solar cells, and power transmission systems.
Do not use our Products in applications requiring extremely high reliability, such as aerospace
equipment, nuclear power control systems, and submarine repeaters.
ROHM shall have no responsibility for any damages or injury arising from non-compliance with
the recommended usage conditions and specifications contained herein.
ROHM has used reasonable care to ensur the accuracy of the information contained in this
document. However, ROHM does not warrants that such information is error-free, and ROHM
shall have no responsibility for any damages arising from any inaccuracy or misprint of such
information.
Please use the Products in accordance with any applicable environmental laws and regulations,
such as the RoHS Directive. For more details, including RoHS compatibility, please contact a
ROHM sales office. ROHM shall have
no responsibility for any damages or losses resulting
non-compliance with any applicable laws or regulations.
When providing our Products and technologies contained in this document to other countries,
you must abide by the procedures and provisions stipulated in all applicable export laws and
regulations, including without limitation the US Export Administration Regulations and the Foreign
Exchange and Foreign Trade Act.
This document, in part or in whole, may not be reprinted or reproduced without prior consent of
ROHM.
1)
2)
3)
4)
5)
6)
7)
8)
9)
10)
11)
12)
13)
14)


Similar Part No. - 2SAR553P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR553P ROHM-2SAR553P Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
2SAR553P5 ROHM-2SAR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (-50V / -2A)
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-50V / -2A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
More results

Similar Description - 2SAR553P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
   PNP -2.0A -50V Middle Power Transistor
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
   NPN 2.0A 50V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
   PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
   PNP -2.0A -30V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR563F3 ROHM-2SAR563F3 Datasheet
1Mb / 9P
   PNP -6A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com