Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJFPUWM2016 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PJFPUWM2016
Description  Bride en polycarbonate moulee
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PJFPUWM2016 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PJFPUWM2016 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
PJU Flange Fits
PJFPUWM6
6x6, 8x6
PJFPUWM108
10x8
PJFPUWM1210
12x10
PJFPUWM1412
14x12
PJFPUWM1614
16x14
PJFPUWM1816
18x16
PJFPUWM2016
20x16
Bride en polycarbonate moulée Série PJU
Vendus par paires.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.
Des produits de qualité. L'excellence du service.


Similar Part No. - PJFPUWM2016

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF10N60 PANJIT-PJF10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJF10N65 PANJIT-PJF10N65 Datasheet
244Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
PJF10NA60 PANJIT-PJF10NA60 Datasheet
350Kb / 8P
   600V N-Channel MOSFET
PJF10NA65 PANJIT-PJF10NA65 Datasheet
345Kb / 8P
   650V N-Channel MOSFET
PJF10NA80 PANJIT-PJF10NA80 Datasheet
331Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - PJFPUWM2016

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJFM HAMMOND-PJFM Datasheet
63Kb / 1P
   Pied en polycarbonate moule
PBFS HAMMOND-PBFS Datasheet
62Kb / 2P
   Panneaux pour batis en acier, a bride
PCJ-SL HAMMOND-PCJ-SL Datasheet
159Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ-SC HAMMOND-PCJ-SC Datasheet
190Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PJHD HAMMOND-PJHD Datasheet
82Kb / 2P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ-NSL HAMMOND-PCJ-NSL Datasheet
159Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ-HSC HAMMOND-PCJ-HSC Datasheet
182Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
1554PB HAMMOND-1554PB Datasheet
169Kb / 2P
   Bo챤tier pour boutons-poussoirs en polycarbonate de type 4, 4X
logo
New Jersey Semi-Conduct...
VBO52 NJSEMI-VBO52 Datasheet
151Kb / 3P
   Single Phase Rectifier Bride
VUO190 NJSEMI-VUO190 Datasheet
175Kb / 2P
   Three Phase Rectifier Bride
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com