Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E38E830101 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # E38E830101
Description  1 DDR3 SO-DIMM supports up to 4 GB memory capacity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

E38E830101 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  E38E830101 Datasheet HTML 1Page - Axiomtek Co., Ltd. E38E830101 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
109
CAPA830
Intel
® Atom™ D2550/ N2600/ N2800
3.5" Embedded SBC with Intel
® NM10
Chipset, LVDS/HDMI/VGA, Dual LANs,
Audio and ZIO
I/O
Ordering Information
Packing List
System
MIO
Refer to ordering information
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000 Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Intel
® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for Advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
TMP
ST ST33TPM12LPC with TPM 1.2 compliant
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket P=2.0mm, L=300 mm
1
59384500100E
Audio cable w/ bracket P=2,450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
Optional/ MOQ
CAPA830VHGGA-N2600 w/ET
3.5” SBC with Intel
® Atom™ N2600 1.6GHz, VGA/HDMI/
LVDS, 2 10/100/1000 Ethernet, audio and -40ºC ~ +85ºC
CAPA830VHGGA-N2600-ZIO w/ET 3.5” SBC with Intel
® Atom™ N2600 1.6GHz, VGA/
HDMI/LVDS, 2 10/100/1000 Ethernet, audio, ZIO module
AX93262 and -40ºC ~ +85ºC
Features
Rear view
Top view
CFast
ZIO module AX93262
SIM slot
PCI Express Mini Card
w/mSATA supported
DDR3 SO-DIMM
PCI Express Mini Card
Ethernet 1/ 2
ZIO connector
(1 x PCIe x1, 1 x USB,
1 x LPC, 1 x SMbus )
ZIO module AX93262
Audio
SATA
USB 5/6
COM 2
COM 1
USB 2.0 3/4
USB 2.0 1/2
VGA HDMI
LVDS
Extended
Temperature
Fanless
Low Power
Standard
Models
Fanless
PCI Express
Mini Card SIM Slot
RS-232/
422/485
RS-232
CAPA830VHGGA-D2550
(P/N: E38E830103)
Heatsink fan
1
N/A
1
1
CAPA830VHGGA-N2800
(P/N: E38E830102)
Yes
1
N/A
1
1
CAPA830VHGGA-N2600
(P/N: E38E830101)
Yes
1
N/A
1
1
CAPA830VHGGA-D2550-ZIO
(P/N: E38E830106)
Heatsink fan
2
1
3
3
CAPA830VHGGA-N2800-ZIO
(P/N: E38E830105)
Yes
2
1
3
3
CAPA830VHGGA-N2600-ZIO
(P/N: E38E830104)
Yes
2
1
3
3
DDR3
DDR3
DDR3
CFastTM
Display
Chipset
Intel
® GMA 3650 graphics core for D2550/ N2800
Intel
® GMA 3600 graphics core for N2600
Memory Size
Share system memory
Display Interface
1 x VGA
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
AiRD
Full Solid
Cap Design
PCIe Mini
PCIe Mini
PCIe Mini
Intel
® Atom™ processor D2550 (1.86 GHz)/ N2800 (1.86 GHz)/
N2600 (1.6 GHz)
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
6 USB 2.0 ports
2 COM ports
ZIO connector
PCI Express Mini Card V1.2 w/ mSATA supported
CPU
Intel
® Atom™ processor D2550 1.86 GHz/ N2800 1.86 GHz/
N2600 1.6 GHz dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-800/1066 max.
up to 4 GB (N2600 supports DDR3-800 max. up to 2 GB)
Chipset
Intel
® NM10
BIOS
AMI UEFI BIOS
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2 w/mSATA supported
1 x USB
1 x PCIe x1
1 x LPC
1 x SMBus through a ZIO connector
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirements
Intel
® Atom™ N2600 @ 1.6 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.077A
Intel
® Atom™ N2800 @ 1.86 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.156A
Intel
® Atom™ D2550 @ 1.86 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.44A
Size
146 x 104 mm
Board Thickness
1.6 mm
OperatingTemperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing


Similar Part No. - E38E830101

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
E38E841100 AXIOMTEK-E38E841100 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
E38E841101 AXIOMTEK-E38E841101 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
More results

Similar Description - E38E830101

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100_16 Datasheet
330Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO101 AXIOMTEK-NANO101_14 Datasheet
486Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA112 AXIOMTEK-CAPA112_14 Datasheet
572Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_14 Datasheet
485Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831 AXIOMTEK-PICO831_14 Datasheet
769Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA110 AXIOMTEK-CAPA110_16 Datasheet
239Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_16 Datasheet
373Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_16 Datasheet
332Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_14 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA831 AXIOMTEK-CAPA831_14 Datasheet
493Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_14 Datasheet
387Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com