Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMETXE-I2503-N26 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EMETXE-I2503-N26
Description  Intel Atom N2600/ D2550 COM Express Compact Type 2 CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMETXE-I2503-N26 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EMETXE-I2503-N26 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMETXE-I2503-N26 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36
All specifications are subject to change without notice.
Intel® Atom™ N2600/ D2550 COM Express Compact Type 2
CPU Module
EmETXe-i2503
System
CPU
Soldered onboard Intel® Atom™ N2600 1.6GHz/ D2550
1.86GHz processor
Memory
1 x DDR3 SO-DIMM socket, supporting 1066MHz
SDRAM up to 4GB (D2550)/ 2GB (N2600)
Chipset
Intel® PCH NM10
BIOS
AMI UEFI BIOS
Watchdog Timer
1~255 levels reset
I/O
USB Port
8 x USB 2.0 ports
Digital IO
8-bit programmable Digital Input/ Output
Expansion Bus
2 x PCIe x1 lanes
4 x PCI masters
SPI and LPC (Low Pin Count) interfaces
Storage
2 x Serial ATA ports with 300MB/s HDD transfer rate
Ethernet Chipset
1 x Intel® 82583V PCIe GbE controller
Audio
HD Audio Link
Display
Graphics Chipset
Integrated Intel® Graphics Media Accelerator 3650 (Gfx
frequency 640 MHz) for D2550 processor
Integrated Intel® Graphics Media Accelerator 3600 (Gfx
frequency 400 MHz) for N2600 processor
GraphicsInterface
Support Analog RGB
LCD:
- Single Channel 18-bit LVDS for N2600
- Single Channel 24-bit LVDS for D2550
Support Dual Independent Displays
Mechanical & Environmental
Power Requirement
+12V, 5VSB
Power Consumption
0.95A@+12V (Typical)
Operating Temp.
-20 ~ 70ºC (-4 ~ 158ºF)
Operating Humidity
10 ~ 95% @ 70ºC (non-condensing)
Dimension (L x W)
95 x 95 mm (3.7” x 3.7”)
Dimensions
95.00
91.00
44.97
4.00
0
2.7 5.2
2.00
Unit: mm
Features
Fanless Design
Soldered Onboard Intel® Atom™ N2600 / D2550 Processor
Integrated Gigabit Ethernet
Single Channel 18-bit N2600 / 24-bit D2550 LVDS, Analog RGB
Support Dual Independent Displays
Extended Operating Temp.: -20 ~ 70°C


Similar Part No. - EMETXE-I2503-N26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMETXE-I250C ETC2-EMETXE-I250C Datasheet
482Kb / 2P
   Intel Atom D2550 COM Express Compact Type 6 CPU Module
EMETXE-I250C-D25 ETC2-EMETXE-I250C-D25 Datasheet
482Kb / 2P
   Intel Atom D2550 COM Express Compact Type 6 CPU Module
More results

Similar Description - EMETXE-I2503-N26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMETXE-I250C ETC2-EMETXE-I250C Datasheet
482Kb / 2P
   Intel Atom D2550 COM Express Compact Type 6 CPU Module
EMETXE-I2905 ETC2-EMETXE-I2905 Datasheet
329Kb / 2P
   Intel Atom N455/ D525 COM Express Compact Type 2 CPU Module
logo
AAEON Technology
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
XTX-CV AAEON-XTX-CV Datasheet
280Kb / 2P
   XTX CPU Module with Onboard Intel Atom D2550/N2600 Processor
logo
List of Unclassifed Man...
EMETXE-I2903 ETC2-EMETXE-I2903 Datasheet
324Kb / 2P
   Intel Atom N455/ D525 COM Express Basic Type 2 CPU Module
logo
Advantech Co., Ltd.
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
SOM-7565A2 ADVANTECH-SOM-7565A2 Datasheet
804Kb / 2P
   Intel Atom Processor N2600/N2800 COM Express Mini Module
logo
List of Unclassifed Man...
EMQ-I2506 ETC2-EMQ-I2506 Datasheet
458Kb / 3P
   Intel Atom N2600 Qseven??CPU Module
EMETXE-I2601 ETC2-EMETXE-I2601 Datasheet
1Mb / 2P
   Intel Atom E680/ E640 COM Express CPU Module
logo
AAEON Technology
COM-945GSE AAEON-COM-945GSE Datasheet
376Kb / 2P
   COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com