Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFJT1-1GHP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFJT1-1GHP
Description  1x1 10BASE-T Magnetics Tab Down RJ45
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFJT1-1GHP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFJT1-1GHP Datasheet HTML 1Page - List of Unclassifed Manufacturers HFJT1-1GHP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FastJack
1x1 10BASE-T Magnetics Tab Down RJ45
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
10BASE-T Ethernet RJ45
IEEE802.3i Compliant
100% Compliance Testing
1500Vrms Hi-Pot
Proprietary Robust Contact Design
30µ” Gold Plating on Contacts
Part Number
LED’s
Turns Ratio (± 3%) Return Loss OCL (100kHz, 0.1Vrms)
Crosstalk
(0 to 70°C)
Circuit
(L/R)
TX
RX
5-10MHz
TX
RX
(0.1-10MHz)
HFJ11-1041ERL
A
None
1CT:2.5
1CT:1
-15dB
35µH
200µH
-40dB
HFJ11-1041E-L11RL
A
G/G
1CT:2.5
1CT:1
-15dB
35µH
200µH
-40dB
HFJ11-1041E-L12RL
A
G/Y
1CT:2.5
1CT:1
-15dB
35µH
200µH
-40dB
HFJ11-1041E-L21RL
A
Y/G
1CT:2.5
1CT:1
-15dB
35µH
200µH
-40dB
HFJ11-1043ERL
A
None
1CT:1.41
1CT:1
-15dB
140µH
140µH
-40dB
HFJ11-1043E-L11RL
A
G/G
1CT:1.41
1CT:1
-15dB
140µH
140µH
-40dB
HFJ11-1043E-L12RL
A
G/Y
1CT:1.41
1CT:1
-15dB
140µH
140µH
-40dB
HFJ11-1043E-L21RL
A
Y/G
1CT:1.41
1CT:1
-15dB
140µH
140µH
-40dB
HFJ11-1075ERL
A
None
1CT:2
1CT:1
-15dB
25µH
140µH
-40dB
HFJ11-1075E-L11RL
A
G/G
1CT:2
1CT:1
-15dB
25µH
140µH
-40dB
HFJ11-1075E-L12RL
A
G/Y
1CT:2
1CT:1
-15dB
25µH
140µH
-40dB
HFJ11-1075E-L21RL
A
Y/G
1CT:2
1CT:1
-15dB
25µH
140µH
-40dB
HFJ11-1081ERL
A
None
1CT:1
1CT:1
-15dB
100µH
100µH
-40dB
HFJ11-1081E-L11RL
A
G/G
1CT:1
1CT:1
-15dB
100µH
100µH
-40dB
HFJ11-1081E-L12RL
A
G/Y
1CT:1
1CT:1
-15dB
100µH
100µH
-40dB
HFJ11-1081E-L21RL
A
Y/G
1CT:1
1CT:1
-15dB
100µH
100µH
-40dB
Notes:
1. LED Key : G = Green, Y = Yellow
2. Other LED colors, bi-colors, polarities, and current limiting versions available
3. Unshielded and without ground shield tabs available
4. Part specific datasheets available
5. Lightning strike and power line cross circuit protection versions available
6. Extended temperature available
7. Tab-up versions available
8. 1x2 and 1x4 ganged Fastjacks available
9. Additional turns ratios available
RoHS
Compliant
Conflict
FREE
ü


Similar Part No. - HFJT1-1GHP

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
HFJT1-1GHP-L11RL HALO-HFJT1-1GHP-L11RL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
HFJT1-1GHP-L12RL HALO-HFJT1-1GHP-L12RL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
HFJT1-1GHP-L17RL HALO-HFJT1-1GHP-L17RL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
HFJT1-1GHP-L51RL HALO-HFJT1-1GHP-L51RL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
HFJT1-1GHP-L55RL HALO-HFJT1-1GHP-L55RL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
More results

Similar Description - HFJT1-1GHP

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
HFJ11-1041HRL HALO-HFJ11-1041HRL Datasheet
483Kb / 3P
   1x1 10BASE-T Integrated Magnetics Tab Down RJ45
HFJT1-1041RL HALO-HFJT1-1041RL Datasheet
419Kb / 2P
   1x1 10BASE-T Magnetics Tab Up RJ45
logo
List of Unclassifed Man...
HFJ11-2450ERL ETC2-HFJ11-2450ERL Datasheet
356Kb / 2P
   1x1 Tab-Down 10/100BASE-T RJ45
logo
Pulse A Technitrol Comp...
J403 PULSE-J403 Datasheet
1Mb / 6P
   1x1 Tab-DOWN RJ45
J436 PULSE-J436 Datasheet
568Kb / 5P
   1X1 Tab-Down RJ45
J00-0025 PULSE-J00-0025 Datasheet
143Kb / 3P
   1x1 Tab-DOWN RJ45
J434 PULSE-J434 Datasheet
576Kb / 3P
   1x1 Tab-DOWN RJ45
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
logo
Pulse A Technitrol Comp...
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
logo
VITALCONN ELECTRONICS H...
J11GH2143NP01 VITALCONN-J11GH2143NP01 Datasheet
367Kb / 2P
   100 BASE-T RJ45 1X1 TAB DOWN WITH LED
REV: A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com