Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDGD9-DC15 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HDGD9-DC15
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDGD9-DC15 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HDGD9-DC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 8Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 9Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 10Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 11Page - List of Unclassifed Manufacturers HDGD9-DC15 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Part #
Part #
Part #
Part #
Freq. (GHz)
Freq. (GHz)
Freq. (GHz)
Freq. (GHz)
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(Deg)
(Deg)
(Deg)
(Deg)
Dimensions
Dimensions
Dimensions
Dimensions
(inches)
(inches)
(inches)
(inches)
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
MM24
MM24
MM24
MM24----5RD
5RD
5RD
5RD
2.4-2.5
5.5
45
8
.9
RV24
RV24
RV24
RV24----5RD
5RD
5RD
5RD
2.4-2.5
5.5
45
8
.15
IN24
IN24
IN24
IN24----5RD
5RD
5RD
5RD
2.4-2.5
5.5
45
8
.06
RD2458
RD2458
RD2458
RD2458----5
55
5
2.4-5.8
3-5
45
6.1
.8
IN24
IN24
IN24
IN24----9DE
9DE
9DE
9DE
2.4-2.5
9
70
4.25 x 3.5 x 1”
.4
Connectors
Connectors
Connectors
Connectors
RPSMA, RPTNC, MC-Card,
MMCX, RPMMCX, U.FL
RPSMA, RPTNC, MC-Card,
MMCX, RPMMCX, U.FL
SMA, RPSMA, RPTNC,
N Male
SMA, RPSMA, RPTNC,
N Male
RPSMA, RPTNC, MC-Card,
MMCX, RPMMCX, U.FL
IN800/2500
IN800/2500
IN800/2500
IN800/2500
800MHz-2.5
2.2-5
90
N Female
7 x 4
0.8
I N 2 4
I N 2 4
I N 2 4
I N 2 4 ---- 9 0
9 0
9 0
9 0 ---- 7
77
7
2.4-2.5
7
90
N Female
4 x 4
0.4
I N 2 4
I N 2 4
I N 2 4
I N 2 4 ---- 6 5
6 5
6 5
6 5 ---- 8
88
8
2.4-2.5
8
65
N Female
4 x 4
0.4
IN24
IN24
IN24
IN24----3
33
3
2.4–2.5
3
90
N Female
7 x 4
1
Type
Type
Type
Type
Ceiling Mount
Ceiling Mount
Wall Mount
Wall Mount
Mag Mount
Laptop Mount
Rubber Duck
Rubber Duck
Directional
TR24
TR24
TR24
TR24----3
33
3----6
66
6
2.4-2.5
3/6
120
Transformer
RPSMA, RPTNC
5 x 1
1.4
Shown window mounted
9dBi Directional Antenna
9dBi Directional Antenna
9dBi Directional Antenna
9dBi Directional Antenna
Part No: IN24-9DE
3dBi Ceiling Mount
3dBi Ceiling Mount
3dBi Ceiling Mount
3dBi Ceiling Mount
Omnidirectional
Omnidirectional
Omnidirectional
Omnidirectional
Part No: IN24-3 (a or b)
Tri
Tri
Tri
Tri----Band Ceiling Mount
Band Ceiling Mount
Band Ceiling Mount
Band Ceiling Mount
Omnidirectional
Omnidirectional
Omnidirectional
Omnidirectional
Part No: IN800/2500
Wall Mounted Indoor Sector
Wall Mounted Indoor Sector
Wall Mounted Indoor Sector
Wall Mounted Indoor Sector
Antenna
Antenna
Antenna
Antenna
Part No: IN24-65-8,
IN24-90-7
Rover Laptop Mount Antenna
Rover Laptop Mount Antenna
Rover Laptop Mount Antenna
Rover Laptop Mount Antenna
Part No: RV24-5RD
(laptop not included)
Rubber Duck APXtender
Rubber Duck APXtender
Rubber Duck APXtender
Rubber Duck APXtender
Part No: IN24-5RD
Indoor Antennas
9
9
9
9
Indoor Antennas


Similar Part No. - HDGD9-DC15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDG-0605 AD-HDG-0605 Datasheet
2Mb / 7P
   HYBRID VIDEO DIGITAL TO ANALOG CONVERTERS
HDG-0605 AD-HDG-0605_15 Datasheet
2Mb / 7P
   HYBRID VIDEO DIGITAL TO ANALOG CONVERTERS
HDG-0807 AD-HDG-0807 Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
HDG-0807BD AD-HDG-0807BD Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
HDG-0807BW AD-HDG-0807BW Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
More results

Similar Description - HDGD9-DC15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com