Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

284MS8GE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 284MS8GE
Description  SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

284MS8GE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  284MS8GE Datasheet HTML 1Page - List of Unclassifed Manufacturers 284MS8GE Datasheet HTML 2Page - List of Unclassifed Manufacturers 284MS8GE Datasheet HTML 3Page - List of Unclassifed Manufacturers 284MS8GE Datasheet HTML 4Page - List of Unclassifed Manufacturers 284MS8GE Datasheet HTML 5Page - List of Unclassifed Manufacturers 284MS8GE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 166
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC284MS8G / 284MS8GE
SPDT NON-REFLECTIVE
SWITCH, DC - 3.5 GHz
v06.0607
General Description
Features
Functional Diagram
High Isolation: >45 dB
Positive control: 0/+5V
Non-Reflective Design
Ultra Small Pakcage: MSOP8G
Indluded in the HMC-DK005 Designers’ Kit
Electrical Specifications, T
A = +25° C, Vctl =
0/+5 Vdc, 50 Ohm System
Typical Applications
The HMC284MS8G / HMC284MS8GE is ideal for:
• Cellular/PCS Base Stations
• 2.4 GHz ISM
• 3.5 GHz Wireless Local Loop
The HMC284MS8G & HMC284MS8GE are low-cost
SPDT switches in 8-lead grounded base MSOP pack-
ages. The design has been optimized to provide high
isolation with minimal insertion loss for medium and
low power applications. On-chip circuitry allows posi-
tive voltage control operation at very low DC currents
with control inputs compatible with CMOS and most
TTL logic families. In the “OFF” state, RF1 and RF2
are non-reflective. See reflective high isolation SPDT
version, HMC194MS8.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 3.0 GHz
DC - 3.5 GHz
0.5
0.6
0.7
0.8
0.9
1.1
dB
dB
dB
Isolation
RF1 & RF2
RF1 / RF2
RF1 / RF2
RF1 & RF2
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
DC - 3.5 GHz
41
38/41
34/36
30
45
41/45
37/39
33
dB
dB
dB
dB
Return Loss (On State)
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.5 GHz
21
13
10
25
17
12
dB
dB
dB
Return Loss (Off State)
0.5 - 3.5 GHz
10
13
dB
Input Power for 1 dB Compression
0.5 - 1.0 GHz
0.5 - 3.5 GHz
20
18
25
24
dBm
dBm
Input Third Order Intercept
(Two-Tone Input Powew = 0 dBm Each Tone)
0.5 - 3.5 GHz
43
48
dBm
Switching Speed
DC - 3.5 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
40
60
ns
ns


Similar Part No. - 284MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
284MS8GE HITTITE-284MS8GE Datasheet
249Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
More results

Similar Description - 284MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
   DC-18 GHz SPDT Non-reflective Switch
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
   DC-20 GHz SPDT Non-reflective Switch
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com