Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP02XX280-16 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MP02XX280-16
Description  Dual Diode Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02XX280-16 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MP02XX280-16 Datasheet HTML 1Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 2Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 3Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 4Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 5Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 6Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 7Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 8Page - Dynex Semiconductor MP02XX280-16 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP02 XX 280 Series
2/9
Symbol
Parameter
Conditions
Max.
Units
A
V
R = 0
V
R = 50% VRRM
V
R = 0
V
R = 50% VRRM
A
2s
A
2s
A
10ms half sine;
T
j = 150
oC
10ms half sine;
T
j = 150
oC
Surge (non-repetitive) on-state current
I
FSM
I
2t for fusing
I
2t
Symbol
Parameter
Conditions
Units
oC/W
R
th(j-c)
Virtual junction temperature
T
vj
oC
T
sto
Storage temperature range
Mounting torque = 6Nm
with mounting compound
3 phase
halfwave
dc
Commoned terminals to base plate
AC RMS, 1min, 50Hz
Max.
0.22
0.23
R
th(c-hs)
Isolation voltage
Symbol
Parameter
Conditions
1.1
mA
Forward voltage
30
V
FM
I
RM
Peak reverse current
At V
RRM, Tj = 150
oC
At 400A, T
case = 25
oC
V
TO
Threshold voltage
V
0.80
m
0.6
At T
vj = 150
oC
At T
vj = 150
oC
r
T
On-state slope resistance
Thermal resistance - junction to case
per Diode
Thermal resistance - case to heatsink
per Diode
oC/W
V
isol
2.5
6000
4800
180000
115000
oC/W
oC/W
0.21
0.07
-40 to 150
150
oC
kV
Units
Max.
V
THERMAL & MECHANICAL RATINGS
CHARACTERISTICS
SURGE RATINGS - PER ARM


Similar Part No. - MP02XX280-16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02XX260 DYNEX-MP02XX260 Datasheet
90Kb / 9P
   Dual Diode Modules
More results

Similar Description - MP02XX280-16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02XX175 DYNEX-MP02XX175 Datasheet
85Kb / 9P
   Dual Diode Modules
MP02XX260 DYNEX-MP02XX260 Datasheet
90Kb / 9P
   Dual Diode Modules
MP03XX260 DYNEX-MP03XX260 Datasheet
94Kb / 9P
   Dual Diode Modules
MP03XX440 DYNEX-MP03XX440 Datasheet
101Kb / 10P
   Dual Diode Modules
MP02XX130 DYNEX-MP02XX130 Datasheet
87Kb / 9P
   Dual Diode Modules
MP03XX280 DYNEX-MP03XX280 Datasheet
109Kb / 9P
   Dual Diode Modules
logo
Inchange Semiconductor ...
MDD710-26N2 ISC-MDD710-26N2 Datasheet
295Kb / 3P
   Dual Diode Modules
logo
Powerex Power Semicondu...
ED41 POWEREX-ED41 Datasheet
594Kb / 10P
   Dual SCR/Diode Isolated modules
logo
American Microsemicondu...
CN2412 AMMSEMI-CN2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com