Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03XXX275 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MP03XXX275
Description  Phase Control Dual SCR, SCR/Diode Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03XXX275 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MP03XXX275 Datasheet HTML 2Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 3Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 4Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 5Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 6Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 7Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 8Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 9Page - Dynex Semiconductor MP03XXX275 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
MP03 XXX 275 Series
0
50
100
150
200
250
300
Mean on-state current - (A)
400
350
300
250
200
150
100
50
0
180˚
120˚
90˚
60˚
30˚
450
0
50
100
150
200
250
300
Mean on-state current - (A)
400
350
300
250
200
150
100
50
0
180˚
120˚
90˚
60˚
30˚
d.c.
450
350
Fig. 5 On-state power loss per arm vs forward current at various conduction angles, sine wave, 50/60Hz
Fig. 6 On-state power loss per arm vs forward current at various conduction angles, square wave, 50/60Hz


Similar Part No. - MP03XXX275

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX175 DYNEX-MP03XXX175 Datasheet
113Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190-08 DYNEX-MP03XXX190-08 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190-10 DYNEX-MP03XXX190-10 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP03XXX275

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02XXX190 DYNEX-MP02XXX190 Datasheet
100Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X130 DYNEX-MP02X130 Datasheet
127Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX175 DYNEX-MP03XXX175 Datasheet
113Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com