Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9220IRTZEVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9220IRTZEVAL1Z
Description  Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220IRTZEVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9220IRTZEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL9220IRTZEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL9220, ISL9220A
5
FN6936.3
February 16, 2012
INPUT CURRENT SENSE AMPLIFIER
Input Bias Current at CSIP and CSIN, Pin
(Charger Enabled)
IISIP_ON
EN = L
-
100
200
µA
Input Current Limit Threshold
IIN_LIM
CSIP-CSIN
88
100
112
mV
OUTPUT CURRENT SENSE AMPLIFIER
Input Bias Current at ISNS Pin,
(Charger Enabled)
IISNS_ON
EN = L
-
100
200
µA
Input Bias Current at ISNS Pin,
(Charger Disabled)
IISNS_OFF
EN = H
--
1
µA
Input Bias Current at VBAT Pin,
(Charger Enabled)
IVBAT_ON
EN = L
-
75
100
µA
Input Bias Current at VBAT Pin,
(Charger Disabled)
IVBAT_OFF
EN = H
--
1
µA
LOGIC INPUT AND OUTPUTS
EN Pin Logic High
1.3
-
-
V
EN Pin Logic Low
--
0.4
V
STAT1, STAT2 Sink Current When ON
Pin Voltage = 0.4V
10
-
-
mA
STAT1, STAT2 Leakage Current When OFF
Pin Voltage = 4.2V
-
-
1
µA
NOTES:
6. PGOOD is defined as when VIN and VBAT meet all these conditions: VIN > VPOR, VIN - VBAT > VOS, VIN < VIN(OVP).
7. Limits should be considered typical and are not production tested.
Electrical Specifications Typical specifications are measured at the following conditions: TA = +25°C; For ISL9220, VIN =5V;
For ISL9220A, VIN = 12V. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL9220IRTZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220IRTZEVAL1Z INTERSIL-ISL9220IRTZEVAL1Z Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Renesas Technology Corp
ISL9220IRTZEVAL1Z RENESAS-ISL9220IRTZEVAL1Z Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results

Similar Description - ISL9220IRTZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com