Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO121G Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO121G
Description  Precision Low Cost ISOLATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO121G Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ISO121G Datasheet HTML 5Page - Burr-Brown (TI) ISO121G Datasheet HTML 6Page - Burr-Brown (TI) ISO121G Datasheet HTML 7Page - Burr-Brown (TI) ISO121G Datasheet HTML 8Page - Burr-Brown (TI) ISO121G Datasheet HTML 9Page - Burr-Brown (TI) ISO121G Datasheet HTML 10Page - Burr-Brown (TI) ISO121G Datasheet HTML 11Page - Burr-Brown (TI) ISO121G Datasheet HTML 12Page - Burr-Brown (TI) ISO121G Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ISO120/121
output are not significant under these circumstances unless
the input signal contains significant components above
250kHz.
There are two ways to use these characteristics. One is to
move the carrier frequency low enough that the troublesome
signal components are attenuated to an acceptable level as
shown in Signal Response vs Carrier Frequency. This in
effect limits the bandwidth of the amplifier. The Synchroni-
zation Range performance curve shows the relationship
between carrier frequency and the value of C
1. To maintain
stability, C
2 must also be connected and must be equal to or
larger in value than C
1. C2 may be further increased in value
for additional attenuation of the undesired signal compo-
nents and provides the additional benefit of reducing the
residual carrier ripple at the output. See the Bandwidth vs C
2
performance curve.
When periodic noise from external sources such as system
clocks and DC/DC converters are a problem, ISO120 and
ISO121 can be used to reject this noise. The amplifier can be
synchronized to an external frequency source, f
EXT, placing
the amplifier response curve at one of the frequency and
amplitude nulls indicated in the Signal Response vs Carrier
Frequency performance curve. For proper synchronization,
choose C
1 as shown in the Synchronization Range perfor-
mance curve. Remember that C
2 ≥ C1 is a necessary condi-
tion for stability of the isolation amplifier. This curve shows
the range of lock at the fundamental frequency for a 4V
sinusoidal signal source. The applications section shows the
ISO120 and ISO121 synchronized to isolation power sup-
plies, while Figure 6 shows circuitry with opto-isolation
suitable for driving the Ext Osc input from TTL levels.
FIGURE 4a. Gain Adjust.
FIGURE 4b. Gain Setting.
+V
S1 or +VS2
Signal Com 1
or
Signal Com 2
–V
S1 or –VS2
100k
1M
10k
FIGURE 5. V
OS Adjust.
resolution with a typical trim potentiometer. The output will
have some sensitivity to power supply variations. For a
±100mV trim, power supply sensitivity is 8mV/V at the
output.
CARRIER FREQUENCY CONSIDERATIONS
As previously discussed, the ISO120 and ISO121 amplifiers
transmit the signal across the iso-barrier by a duty-cycle
modulation technique. This system works like any linear
amplifier for input signals having frequencies below one
half the carrier frequency, f
C. For signal frequencies above
f
C/2, the behavior becomes more complex. The Signal Re-
sponse vs Carrier Frequency performance curve describes
this behavior graphically. The upper curve illustrates the
response for input signals varying from DC to f
C/2. At input
frequencies at or above f
C/2, the device generates an output
signal component that varies in both amplitude and fre-
quency, as shown by the lower curve. The lower horizontal
scale shows the periodic variation in the frequency of the
output component. Note that at the carrier frequency and its
harmonics, both the frequency and amplitude of the re-
sponse go the zero. These characteristics can be exploited in
certain applications. It should be noted that when C
1 is zero,
the carrier frequency is nominally 500kHz and the –3dB
point of the amplifier is 60kHz. Spurious signals at the
FIGURE 6. Synchronization with Isolated Drive Circuit for
Ext Osc Pin.
C
1
Ext Osc on
ISO120 (pin 22)
C
2
10k
6
5
8
2
3
TTL
f
IN
2.5k
200
+15V
+5V
f
IN
140E-6
()
C
1 =
– 350pF
C
2 = 10 X C1, with a minimum 10nF
2.5k
6N136
ISOLATION MODE VOLTAGE
Isolation mode voltage (IMV) is the voltage appearing be-
tween isolated grounds Gnd 1 and Gnd 2. IMV can induce
error at the output as indicated by the plots of IMV vs
Frequency. It should be noted that if the IMV frequency
exceeds f
C/2, the output will display spurious outputs in a
manner similar to that described above, and the amplifier
response will be identical to that shown in the Signal Re-
sponse vs Carrier Frequency performance curve. This occurs
R
2
V
IN
V
OUT
R
1
Sense
R
2
R
1
200k
Gain = 1 +
+
R
1
(
)
R
1 || R2
GND1
1k
2k
R
1
R
2
V
IN
V
OUT
GND1
Sense


Similar Part No. - ISO121G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO121G BURR-BROWN-ISO121G Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO121G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com